Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8841-16MVLI Datasheet(PDF) 53 Page - Micrel Semiconductor

Part # KSZ8841-16MVLI
Description  Single-Port Ethernet MAC Controller with Non-PCI Interface
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8841-16MVLI Datasheet(HTML) 53 Page - Micrel Semiconductor

Back Button KSZ8841-16MVLI Datasheet HTML 49Page - Micrel Semiconductor KSZ8841-16MVLI Datasheet HTML 50Page - Micrel Semiconductor KSZ8841-16MVLI Datasheet HTML 51Page - Micrel Semiconductor KSZ8841-16MVLI Datasheet HTML 52Page - Micrel Semiconductor KSZ8841-16MVLI Datasheet HTML 53Page - Micrel Semiconductor KSZ8841-16MVLI Datasheet HTML 54Page - Micrel Semiconductor KSZ8841-16MVLI Datasheet HTML 55Page - Micrel Semiconductor KSZ8841-16MVLI Datasheet HTML 56Page - Micrel Semiconductor KSZ8841-16MVLI Datasheet HTML 57Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 105 page
background image
Micrel, Inc.
KSZ8841-16/32 MQL/MVL/MBL
October 2007
53
M9999-102207-1.6
Bank 0 QMU RX Flow Control High Watermark Configuration Register (0x04): QRFCR
This register contains the user defined QMU RX Queue high watermark configuration bit as below.
Bit
Default Value
R/W
Description
15-13
0x0
RO
Reserved
12
0
RW
QMU RX Flow Control High Watermark Configuration
0: 3 KBytes
1: 2 KBytes
11-0
0x000
RO
Reserved
Bank 0 Bus Error Status Register (0x06): BESR
This register flags the different kinds of errors on the host bus.
Bit
Default Value
R/W
Description
15
0
RO
IBEC Illegal Byte Enable Combination
1: illegal byte enable combination occurs. The illegal combination value can be found
from bit 14 to bit 11.
0: legal byte enable combination.
Write 1 to clear.
14-11
-
RO
IBECV Illegal Byte Enable Combination Value
Bit 14: byte enable 3.
Bit 13: byte enable 2.
Bit 12: byte enable 1.
Bit 11: byte enable 0.
This value is valid only when bit 15 is set to 1.
10
0
RO
SSAXFER Simultaneous Synchronous and Asnychronous Transfers
1: Synchronous and Asnychronous Transfers occur simultaneously.
0: normal.
Write 1 to clear.
9-0
0x000
RO
Reserved.
Bank 0 Bus Burst Length Register (0x08): BBLR
Before the burst can be sent, the burst length needs to be programmed.
Bit
Default Value
R/W
Description
15
0
RO
Reserved.
14-12
0x0
RW
BRL Burst Length (for burst read and write)
000: single.
011: fixed burst read length of 4.
101: fixed burst read length of 8.
111: fixed burst read length of 16.
11-0
0x000
RO
Reserved.
Bank 1: Reserved
Except Bank Select Register (0xE).


Similar Part No. - KSZ8841-16MVLI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8841-16MVLI MICREL-KSZ8841-16MVLI Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
logo
Microchip Technology
KSZ8841-16MVLI-TR MICROCHIP-KSZ8841-16MVLI-TR Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
More results

Similar Description - KSZ8841-16MVLI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841_11 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
550Kb / 2P
   Single-Port Ethernet MAC Controller with PCI Interface
logo
Microchip Technology
KSZ8841-PMQL MICROCHIP-KSZ8841-PMQL Datasheet
1Mb / 72P
   Single-Port Ethernet MAC Controller with PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8851MQL MICREL-KSZ8851MQL Datasheet
59Kb / 2P
   Single Port MAC/PHY Controller with Non PCI Interface
logo
Microchip Technology
KSZ8851-16MLL MICROCHIP-KSZ8851-16MLL Datasheet
1Mb / 85P
   Single-Port Ethernet MAC Controller with 8-Bitor 16-Bit Non-PCI Interface
11/07/16
logo
Micrel Semiconductor
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
171Kb / 2P
   Ethernet MAC Controller with PCI Interface
KSZ8841 MICREL-KSZ8841 Datasheet
167Kb / 2P
   Ethernet MAC Controller with PCI Interface
KSZ8851-16MLLI MICREL-KSZ8851-16MLLI Datasheet
1Mb / 84P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MLLJ MICREL-KSZ8851-16MLLJ_10 Datasheet
517Kb / 90P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com