Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873FLLI Datasheet(PDF) 93 Page - Micrel Semiconductor

Part # KSZ8873FLLI
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873FLLI Datasheet(HTML) 93 Page - Micrel Semiconductor

Back Button KSZ8873FLLI Datasheet HTML 89Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 90Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 91Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 92Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 93Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 94Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 95Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 96Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 97Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
Micrel, Inc.
KSZ8873MLL/FLL/RLL
September 2011
93
M9999-092111-1.5
Electrical Characteristics
(4) (Continued)
Tr/Tf
Rise/Fall Time
3
5
ns
Rise/Fall Time Imbalance
0
0.5
ns
Duty Cycle Distortion
±0.5
ns
Overshoot
5
%
Output Jitter
Peak-to-peak
0.7
1.4
ns
10BASE-T Receive
VSQ
Squelch Threshold
5MHz square wave
400
mV
10BASE-T Transmit (measured differentially after 1:1 transformer)
VP
Peak Differential Output Voltage
100Ω termination across differential output
2.4
V
Output Jitter
Peak-to-peak
1.4
11
ns
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
No (HS) heat spreader in this package.
4.
TA = 25°C. Specification for packaged product only.


Similar Part No. - KSZ8873FLLI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873FLLI MICREL-KSZ8873FLLI Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873FLLI MICREL-KSZ8873FLLI Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873FLLI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com