Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873FLLI Datasheet(PDF) 84 Page - Micrel Semiconductor

Part # KSZ8873FLLI
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873FLLI Datasheet(HTML) 84 Page - Micrel Semiconductor

Back Button KSZ8873FLLI Datasheet HTML 80Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 81Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 82Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 83Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 84Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 85Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 86Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 87Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 88Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
Micrel, Inc.
KSZ8873MLL/FLL/RLL
September 2011
84
M9999-092111-1.5
Register 196(0xC4): Sleep Mode
Bit
Name
R/W
Description
Default
7-0
Sleep Mode
R/W
This value is used to control the minimum period the no
energy event has to be detected consecutively before the
device enters the low power state when the ED mode is on.
The unit is 20 ms. The default go sleep time is 1.6 seconds.
0x50
198 (0xC6): Forward Invalid VID Frame and Host Mode
Bit
Name
R/W
Description
Default
7
Reserved
RO
Reserved
Do not change the default value.
0
6-4
Forward Invid
VID Frame
R/W
Forwarding ports for frame with invalid VID
3b’0
3
P3 RMII Clock
Selection
R/W
=1, Internal
=0, External
0
2
P1 RMII Clock
Selection
R/W
=1, Internal
=0, External
0
1-0
Host Interface
Mode
R/W
=00, I2C master mode
=01, I2C slave mode
=10, SPI slave mode
=11, SMI mode
Strapped value of P2LED1,
P2LED0.


Similar Part No. - KSZ8873FLLI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873FLLI MICREL-KSZ8873FLLI Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873FLLI MICREL-KSZ8873FLLI Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873FLLI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com