Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873FLLI Datasheet(PDF) 83 Page - Micrel Semiconductor

Part # KSZ8873FLLI
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873FLLI Datasheet(HTML) 83 Page - Micrel Semiconductor

Back Button KSZ8873FLLI Datasheet HTML 79Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 80Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 81Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 82Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 83Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 84Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 85Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 86Page - Micrel Semiconductor KSZ8873FLLI Datasheet HTML 87Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
Micrel, Inc.
KSZ8873MLL/FLL/RLL
September 2011
83
M9999-092111-1.5
Register 194 (0xC2): Insert SRC PVID
Bit
Name
R/W
Description
Default
7-6
Reserved
RO
Reserved
Do not change the default value.
00
5
Insert SRC
port 1 PVID at
Port 2
R/W
1= insert SRC port 1 PVID for untagged frame at egress
port 2
0
4
Insert SRC
port 1 PVID at
Port 3
R/W
1= insert SRC port 1 PVID for untagged frame at egress
port 3
0
3
Insert SRC
port 2 PVID at
Port 1
R/W
1= insert SRC port 2 PVID for untagged frame at egress
port 1
0
2
Insert SRC
port 2 PVID at
Port 3
R/W
1= insert SRC port 2 PVID for untagged frame at egress
port 3
0
1
Insert SRC
port 3 PVID at
Port 1
R/W
1= insert SRC port 3 PVID for untagged frame at egress
port 1
0
0
Insert SRC
port 3 PVID at
Port 2
R/W
1= insert SRC port 3 PVID for untagged frame at egress
port 2
0
Register 195 (0xC3): Power Management and LED Mode
Bit
Name
R/W
Description
Default
7
CPU interface
Power Down
R/W
CPU interface clock tree power down enable.
=1, Enable
=0, Disable
Note: Power save a little bit when MII interface is used and
the traffic is stopped in the power management with normal
mode
0
6
Switch Power
Down
R/W
Switch clock tree power down enable.
=1, Enable
=0, Disable
Note: Power save a little bit when MII interface is used and
the traffic is stopped in the power management with normal
mode
0
5-4
LED Mode
Selection
R/W
=00, LED0 -> Link/ACT, LED1-> Speed
=01, LED0 -> Link,
LED1 -> ACT
=10, LED0 -> Link/ACT, LED1 -> Duplex
=11, LED0 -> Link,
LED1 -> Duplex
00
3
LED output
mode
R/W
=1, The internal stretched energy signal from the analog
module will be negated and output to LED1 and the internal
device ready signal will be negated and output to LED0.
=0, The LED1/LED0 pins will indicate the regular LED
outputs.
(Note. This is for debugging purpose.)
0
2
PLL Off Enable
R/W
=1, PLL power down enable
=0, Disable
Note: This bit is used in Energy Detect mode with pin 27
MII_LINK_3 pull-up in the by-pass mode for saving power
0
1-0
Power
Management
Mode
R/W
Power management mode
=00, Normal Mode
=01, Energy Detection Mode
=10, Software Power Down Mode
=11, Power Saving Mode
00


Similar Part No. - KSZ8873FLLI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873FLLI MICREL-KSZ8873FLLI Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873FLLI MICREL-KSZ8873FLLI Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873FLLI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com