Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8841-16 Datasheet(PDF) 77 Page - Micrel Semiconductor

Part # KSZ8841-16
Description  Single-Port Ethernet MAC Controller with Non-PCI Interface
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8841-16 Datasheet(HTML) 77 Page - Micrel Semiconductor

Back Button KSZ8841-16_08 Datasheet HTML 73Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 74Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 75Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 76Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 77Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 78Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 79Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 80Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 81Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 105 page
background image
Micrel, Inc.
KSZ8841-16/32 MQL/MVL/MBL
October 2007
77
M9999-102207-1.6
Bank 45 PHY 1 MII-Register Basic Status Register (0x02): P1MBSR
This register contains the MII register status for the chip function.
Bit
Default
R/W
Description
Bit is same as:
15
0
RO
T4 Capable
1 = 100 BASE-T4 capable.
0 = not 100 BASE-T4 capable.
14
1
RO
100 Full Capable
1 = 100BASE-TX full-duplex capable.
0 = not 100BASE-TX full duplex.capable.
13
1
RO
100 Half Capable
1= 100BASE-TX half-duplex capable.
0= not 100BASE-TX half-duplex capable.
12
1
RO
10 Full Capable
1 = 10BASE-T full-duplex capable.
0 = not 10BASE-T full-duplex capable.
11
1
RO
10 Half Capable
1 = 10BASE-T half-duplex capable.
0 = not 10BASE-T half-duplex capable.
10-7
0
RO
Reserved.
6
0
RO
Preamble suppressed
Not supported.
5
0
RO
AN Complete
1 = auto-negotiation complete.
0 = auto-negotiation not completed.
Bank49 0x4 bit6
4
0
RO
Reserved
Bank49 0x4 bit8
3
1
RO
AN Capable
1 = auto-negotiation capable.
0 = not auto-negotiation capable.
2
0
RO
Link Status
1 = link is up.
0 = link is down.
Bank49 0x4 bit5
1
0
RO
Jabber test
Not supported.
0
0
RO
Extended Capable
1 = extended register capable.
0 = not extended register capable.
Bank 45 PHY 1 PHYID Low Register (0x04): PHY1ILR
This register contains the PHY ID (low) for the chip.
Bit
Default
R/W
Description
15-0
0x1430
RO
PHYID Low
Low order PHYID bits.


Similar Part No. - KSZ8841-16_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8841-16MBL MICREL-KSZ8841-16MBL Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16MBL-EVAL MICREL-KSZ8841-16MBL-EVAL Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16MBLI MICREL-KSZ8841-16MBLI Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
logo
Microchip Technology
KSZ8841-16MBLI-TR MICROCHIP-KSZ8841-16MBLI-TR Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
More results

Similar Description - KSZ8841-16_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841_11 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
550Kb / 2P
   Single-Port Ethernet MAC Controller with PCI Interface
logo
Microchip Technology
KSZ8841-PMQL MICROCHIP-KSZ8841-PMQL Datasheet
1Mb / 72P
   Single-Port Ethernet MAC Controller with PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8851MQL MICREL-KSZ8851MQL Datasheet
59Kb / 2P
   Single Port MAC/PHY Controller with Non PCI Interface
logo
Microchip Technology
KSZ8851-16MLL MICROCHIP-KSZ8851-16MLL Datasheet
1Mb / 85P
   Single-Port Ethernet MAC Controller with 8-Bitor 16-Bit Non-PCI Interface
11/07/16
logo
Micrel Semiconductor
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
171Kb / 2P
   Ethernet MAC Controller with PCI Interface
KSZ8841 MICREL-KSZ8841 Datasheet
167Kb / 2P
   Ethernet MAC Controller with PCI Interface
KSZ8851-16MLLI MICREL-KSZ8851-16MLLI Datasheet
1Mb / 84P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MLLJ MICREL-KSZ8851-16MLLJ_10 Datasheet
517Kb / 90P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com