Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8841-16 Datasheet(PDF) 72 Page - Micrel Semiconductor

Part # KSZ8841-16
Description  Single-Port Ethernet MAC Controller with Non-PCI Interface
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8841-16 Datasheet(HTML) 72 Page - Micrel Semiconductor

Back Button KSZ8841-16_08 Datasheet HTML 68Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 69Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 70Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 71Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 72Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 73Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 74Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 75Page - Micrel Semiconductor KSZ8841-16_08 Datasheet HTML 76Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 105 page
background image
Micrel, Inc.
KSZ8841-16/32 MQL/MVL/MBL
October 2007
72
M9999-102207-1.6
Bank 19 Multicast Table Register 1 (0x02): MTR1
Multicast table register 1.
Bit
Default Value
R/W
Description
15-0
0x0
RW
MTR0 Multicast Table 1
When the appropriate bit is set, if the packet received with DA matches the CRC, the hashing
function is received without being filtered.
When the appropriate bit is cleared, the packet will drop.
Note: When the receive all (RXRA) or receive multicast (RXRM) bit is set in the RXCR, all
multicast addresses are received regardless of the multicast table value.
Bank 19 Multicast Table Register 2 (0x04): MTR2
Multicast table register 2.
Bit
Default Value
R/W
Description
15-0
0x0
RW
MTR0 Multicast Table 2
When the appropriate bit is set, if the packet received with DA matches the CRC, the hashing
function is received without being filtered.
When the appropriate bit is cleared, the packet will drop.
Note: When the receive all (RXRA) or receive multicast (RXRM) bit is set in the RXCR, all
multicast addresses are received regardless of the multicast table value.
Bank 19 Multicast Table Register 3 (0x06): MTR3
Multicast table register 3.
Bit
Default Value
R/W
Description
15-0
0x0
RW
MTR0 Multicast Table 3
When the appropriate bit is set, if the packet received with DA matches the CRC, the hashing
function is received without being filtered.
When the appropriate bit is cleared, the packet will drop.
Note: When the receive all (RXRA) or receive multicast (RXRM) bit is set in the RXCR, all
multicast addresses are received regardless of the multicast table value.
Bank 19 Power Management Control and Status Register (0x08): PMCS
The following control and status register provides information on the KSZ8841M power management capabilities. The
following table shows the register bit fields.
Bit
Default Value
R/W
Description
15
0
RO
(W1C)
PME_Status
This bit indicates that the KSZ8841M has detected a power-management event. If bit
PME_Enable is set, the KSZ8841M also asserts the PMEN pin. This bit is cleared on power-
up reset or by write 1. It is not modified by either hardware or software reset. When this bit is
cleared, the KSZ8841M deasserts the PMEN pin.
14-9
0x00
RO
Reserved.
8
0
RW
PME_Enable
If this bit is set, the KSZ8841M can assert the PMEN pin. Otherwise, assertion of the PMEN
pin is disabled.
This bit is cleared on power-up reset and will be not modified by software reset.
7-4
0x0
RO
Reserved.


Similar Part No. - KSZ8841-16_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8841-16MBL MICREL-KSZ8841-16MBL Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16MBL-EVAL MICREL-KSZ8841-16MBL-EVAL Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16MBLI MICREL-KSZ8841-16MBLI Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
logo
Microchip Technology
KSZ8841-16MBLI-TR MICROCHIP-KSZ8841-16MBLI-TR Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
More results

Similar Description - KSZ8841-16_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841_11 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
550Kb / 2P
   Single-Port Ethernet MAC Controller with PCI Interface
logo
Microchip Technology
KSZ8841-PMQL MICROCHIP-KSZ8841-PMQL Datasheet
1Mb / 72P
   Single-Port Ethernet MAC Controller with PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8851MQL MICREL-KSZ8851MQL Datasheet
59Kb / 2P
   Single Port MAC/PHY Controller with Non PCI Interface
logo
Microchip Technology
KSZ8851-16MLL MICROCHIP-KSZ8851-16MLL Datasheet
1Mb / 85P
   Single-Port Ethernet MAC Controller with 8-Bitor 16-Bit Non-PCI Interface
11/07/16
logo
Micrel Semiconductor
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
171Kb / 2P
   Ethernet MAC Controller with PCI Interface
KSZ8841 MICREL-KSZ8841 Datasheet
167Kb / 2P
   Ethernet MAC Controller with PCI Interface
KSZ8851-16MLLI MICREL-KSZ8851-16MLLI Datasheet
1Mb / 84P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MLLJ MICREL-KSZ8851-16MLLJ_10 Datasheet
517Kb / 90P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com