Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3117405BT-50 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB3117405BT-50
Description  3.3V 4M x 4-Bit EDO-Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3117405BT-50 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB3117405BT-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3117405BT-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3117405BT-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3117405BT-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3117405BT-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3117405BT-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3117405BT-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3117405BT-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3117405BT-50 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Semiconductor Group
7
HYB 3116(7)405BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
Average
VCC supply current, during RAS-only
refresh cycles:
-50 ns version
-60 ns version
-70 ns version
(RAS cycling: CAS =
V
IH,
tRC = tRC min.)
ICC3
100(120)
90 (110)
80 (100)
mA
mA
mA
2) 4)
2) 4)
2) 4)
Average
VCC supply current, during hyper page
mode EDO):
-50 ns version
-60 ns version
-70 ns version
(RAS =
V
IL, CAS, address cycling, tPC = tPC min.)
ICC4
70 (70)
55 (55)
45 (45)
mA
mA
mA
2) 3) 4)
2) 3) 4)
2) 3) 4)
Standby
VCC supply current
(RAS = CAS =
V
CC – 0.2 V)
ICC5
–1
200
mA
µA
1)
L-version
Average
V
CC supply current, during CAS-
before-RAS refresh mode: -50 ns version
-60 ns version
-70 ns version
(RAS, CAS cycling, tRC = tRC min.)
I
CC6
100(120)
90 (110)
80 (100)
mA
mA
mA
2) 4)
2) 4)
2) 4)
Average Self Refresh Current
(CBR cylce with tRAS>TRASSmin., CAS held low,
WE=Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V)
I
CC7
_1
250
mA
µAL-version
Capacitance
TA = 0 to 70 °C,VCC = 3.3 V
± 0.3V, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A10, A11)
C
I1
–5pF
Input capacitance (RAS, CAS, WE, OE)
CI2
–7pF
I/O capacitance (I/O1 - I/O4)
C
IO
–7pF
DC Characteristics (values in brackets for HYB3117405)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V, tT = 2 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.


Similar Part No. - HYB3117405BT-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3117405BT-50 SIEMENS-HYB3117405BT-50 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3117405BT-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Siemens Semiconductor G...
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com