Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8895RQI Datasheet(PDF) 85 Page - Micrel Semiconductor

Part # KSZ8895RQI
Description  Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8895RQI Datasheet(HTML) 85 Page - Micrel Semiconductor

Back Button KSZ8895RQI Datasheet HTML 81Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 82Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 83Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 84Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 85Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 86Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 87Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 88Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 89Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
Micrel, Inc.
KSZ8895MQ/RQ/FMQ
March 2012
85
M9999-032612-1.5
Advanced Control Registers (Continued)
Address
Name
Description
Mode
Default
Register 187 (0xBB): Port 1 Queue 0 Egress Limit Control 1
Register 203 (0xCB): Port 2 Queue 0 Egress Limit Control 1
Register 219 (0xDB): Port 3 Queue 0 Egress Limit Control 1
Register 235 (0xEB): Port 4 Queue 0 Egress Limit Control 1
Register 251 (0xFB): Port 5 Queue 0 Egress Limit Control 1
7
Reserved
RO
0
6 – 0
Port Queue 0 Egress Limit
Egress data rate limit for priority 0 frames
Egress traffic from this priority queue is shaped
according to the Data Rate Selected Table. See the
table follow the end of Egress limit control registers.
In four queues mode, it is lowest priority.
In two queues mode, it is low priority.
R/W
0000000
Register 188 (0xBC) : Port 1 Queue 1 Egress Limit Control 2
Register 204 (0xCC) : Port 2 Queue 1 Egress Limit Control 2
Register 220 (0xDC) : Port 3 Queue 1 Egress Limit Control 2
Register 236 (0xEC) : Port 4 Queue 1 Egress Limit Control 2
Register 252 (0xFC) : Port 5 Queue 1 Egress Limit Control 2
7
Reserved
RO
0
6 – 0
Port Queue 1 Egress Limit
Egress data rate limit for priority 1 frames
Egress traffic from this priority queue is shaped
according to the Data Rate Selected Table. See the
table follow the end of Egress limit control registers.
In four queues mode, it is low/high priority.
In two queues mode, it is high priority.
R/W
0000000
Register 189 (0xBD): Port 1 Queue 2 Egress Limit Control 3
Register 205 (0xCD): Port 2 Queue 2 Egress Limit Control 3
Register 221 (0xDD): Port 3 Queue 2 Egress Limit Control 3
Register 237 (0xED): Port 4 Queue 2 Egress Limit Control 3
Register 253 (0xFD): Port 5 Queue 2 Egress Limit Control 3
7
Reserved
RO
0
6 – 0
Port Queue 2 Egress Limit
Egress data rate limit for priority 2 frames
Egress traffic from this priority queue is shaped
according to the Data Rate Selected Table. See the
table follow the end of Egress limit control registers.
In four queues mode, it is high/low priority.
R/W
0000000


Similar Part No. - KSZ8895RQI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8895RQI MICREL-KSZ8895RQI Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895RQI MICREL-KSZ8895RQI Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
More results

Similar Description - KSZ8895RQI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Infineon Technologies A...
KSZ8895 INFINEON-KSZ8895 Datasheet
870Kb / 115P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Microchip Technology
KSZ8895MQX MICROCHIP-KSZ8895MQX Datasheet
1Mb / 108P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
   Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
KSZ8775CLX MICROCHIP-KSZ8775CLX Datasheet
1Mb / 132P
   Integrated 5?밣ort 10/100 Managed Ethernet Switch with Port 4 RMII and Port 5 RGMII/MII/RMII Interfaces
06/17/16
KSZ8795CLX MICROCHIP-KSZ8795CLX Datasheet
1Mb / 132P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX Datasheet
1Mb / 131P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX_V01 Datasheet
1Mb / 132P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces
DS00002130C (05-02-22)
logo
Davicom Semiconductor, ...
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com