Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8862-16MQL-FX Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # KSZ8862-16MQL-FX
Description  2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8862-16MQL-FX Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button KSZ8862-16MQL-FX Datasheet HTML 20Page - Micrel Semiconductor KSZ8862-16MQL-FX Datasheet HTML 21Page - Micrel Semiconductor KSZ8862-16MQL-FX Datasheet HTML 22Page - Micrel Semiconductor KSZ8862-16MQL-FX Datasheet HTML 23Page - Micrel Semiconductor KSZ8862-16MQL-FX Datasheet HTML 24Page - Micrel Semiconductor KSZ8862-16MQL-FX Datasheet HTML 25Page - Micrel Semiconductor KSZ8862-16MQL-FX Datasheet HTML 26Page - Micrel Semiconductor KSZ8862-16MQL-FX Datasheet HTML 27Page - Micrel Semiconductor KSZ8862-16MQL-FX Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 125 page
background image
Micrel, Inc.
KSZ8862-16/32MQL
August 2010
24
M9999-081310-3.1
The 100BASE-FX signal detection is summarized as below:
When FXSD1 input voltage is less than 0.2V, this is not a fiber mode or there is no fiber connection.
When FXSD1 input voltage is greater than 1.0V but less than 1.8V, this is a FX mode but no signal detected and far-end
fault generated.
When FXSD1 input voltage is greater than 2.2V, this is a FX mode with signal detected.
To ensure proper operation, a resistive voltage divider is recommended to adjust the fiber transceiver SD output voltage
swing to match the FXSD1 pin’s input voltage threshold.
100BASE-FX Far-End-Fault (FEF)
A far-end-fault (FEF) occurs when the signal detection is logically false on the receive side of the fiber transceiver. The
KSZ8862M detects a FEF when its FXSD1 input on port 1 is between 1V and 1.8V. When a FEF is detected, the
KSZ8862M signals its fiber link partner that a FEF has occurred by sending 84 1’s followed by a zero in the idle period
between frames.
By default, FEF is enabled. FEF can be disabled through register setting at P1MBCR (bit2) or P1CR4 (bit12).
100BASE-SX Operation
100BASE-SX operation is supported on port 1 only. It conforms to the TIA/EIA-785 Standard for 100BASE-SX fiber
operation. Fiber Link Negotiation Pulse (FLNP) Bursts are used to advertise link capabilities to the link partner during fiber
auto-negotiation. FLNP Bursts are equivalent to the Fast Link Pulse (FLP) Bursts used in 10BASE-T and 100BASE-TX
auto-negotiation defined by clause 28 of the IEEE802.3 Standard. Refer to respective Standard for details.
Physical Interface
For 100BASE-SX operation, port 1 interfaces with an external fiber module to drive 850nm fiber optic links up to a
maximum distance of 300m. The interface connections between the KSZ8862M and fiber module are single-ended
(common mode). 100BASE-SX signal transmission and reception are done on TXM1 (pin 49) and RXM1 (pin 46),
respectively. Refer to Micrel reference schematic for recommended interface circuit and termination.
Enabling 100BASE-SX Mode
To enable 100BASE-SX mode, tie FXSD1 (pin 44) to high (+3.3V) and 100FX/10FL (pin 41)-to-ground.
Enabling Fiber Forced Mode
In 100BASE-SX mode, the KSZ8862M supports forced mode only.
For forced mode, port 1 has auto-negotiation disabled, is forced to 100Mbps for the speed, and is set to either half or full
duplex. Optionally, flow control can be enabled to send out PAUSE frames in full duplex mode.
Forced mode and auto-negotiation disabled mode settings for 100BASE-SX fiber use the same registers (P1MBCR,
P1CR4). These registers are summarized in the Register Map section.
10BASE-FL Operation
10BASE-FL operation is supported on port 1 only. It conforms to clause 15 and 18 of the IEEE802.3 Standard for
10BASE-FL fiber operation. Fiber Link Negotiation Pulse (FLNP) Bursts are used to advertise link capabilities to the link
partner during fiber auto-negotiation. FLNP Bursts are equivalent to the Fast Link Pulse (FLP) Bursts used in 10BASE-T
and 100BASE-TX auto-negotiation defined by clause 28 of the IEEE802.3 Standard. Refer to respective Standard for
details.
Physical Interface
For 10BASE-FL operation, port 1 interfaces with an external fiber module to drive 850nm fiber optic links up to a
maximum distance of 2km. The interface connections between the KSZ8862M and fiber module are single-ended
(common mode). 10BASE-FL signal transmission and reception are done on TXM1 (pin 49) and RXM1 (pin 46),
respectively. Refer to Micrel reference schematic for recommended interface circuit and termination.
Enabling 10BASE-FL Mode
To enable 10BASE-FL mode, tie FXSD1 (pin 44) to high (+3.3V) and 100FX/10FL (pin 41)-to-ground.
Enabling Fiber Forced Mode
In 10BASE-FL mode, the KSZ8862M supports forced mode only.
For forced mode, port 1 has auto-negotiation disabled, is forced to 10Mbps for the speed, and is set to either half or full
duplex. Optionally, flow control can be enabled to send out PAUSE frames in full duplex mode.


Similar Part No. - KSZ8862-16MQL-FX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8862-16MQL-FX MICREL-KSZ8862-16MQL-FX Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862-16MQL-FX MICREL-KSZ8862-16MQL-FX Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
logo
Microchip Technology
KSZ8862-16MQL-FX MICROCHIP-KSZ8862-16MQL-FX Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
More results

Similar Description - KSZ8862-16MQL-FX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
logo
Microchip Technology
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
logo
Micrel Semiconductor
KSZ8862-16 MICREL-KSZ8862-16 Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interfaceand Fiber Support
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842MQL MICREL-KSZ8842MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com