Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873MLL Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # KSZ8873MLL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLL Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button KSZ8873MLL_11 Datasheet HTML 8Page - Micrel Semiconductor KSZ8873MLL_11 Datasheet HTML 9Page - Micrel Semiconductor KSZ8873MLL_11 Datasheet HTML 10Page - Micrel Semiconductor KSZ8873MLL_11 Datasheet HTML 11Page - Micrel Semiconductor KSZ8873MLL_11 Datasheet HTML 12Page - Micrel Semiconductor KSZ8873MLL_11 Datasheet HTML 13Page - Micrel Semiconductor KSZ8873MLL_11 Datasheet HTML 14Page - Micrel Semiconductor KSZ8873MLL_11 Datasheet HTML 15Page - Micrel Semiconductor KSZ8873MLL_11 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
Micrel, Inc.
KSZ8873MLL/FLL/RLL
September 2011
12
M9999-092111-1.5
Pin Description and I/O Assignment (Continued)
Pin Number
Pin Name
Type
(1)
Description
28
SMRXDV3
lpu/O
Switch MII receive data valid
Strap option:
MII mode selection
PU = PHY mode.
PD = MAC mode (In MAC mode, port 3 MII has to connect a powered active
external PHY for the normal operation)
29
SMRXD33/
REFCLKO_3
lpu/O
MLL/FLL: Switch MII receive data bit 3/
RLL: Output reference clock in RMII mode.
Strap option:
enable auto-negotiation on port 2 (P2ANEN)
PU = enable P2ANEN
PD = disable P2ANEN
30
SMRXD32
Ipu/O
Switch MII/RMII receive data bit 2
Strap option:
Force the speed on port 2
PU = force port 2 to 100BT if P2ANEN = 0
PD = force port 2 to 10BT if P2ANEN = 0
31
SMRXD31
Ipu/O
Switch MII/RMII receive data bit 1
Strap option:
Force duplex mode (P2DPX)
PU = port 2 default to full duplex mode if P2ANEN = 1 and auto-negotiation
fails. Force port 2 in full duplex mode if P2ANEN = 0.
PD = Port 2 set to half duplex mode if P2ANEN = 1 and auto-negotiation
fails. Force port 2 in half duplex mode if P2ANEN = 0.
32
GND
Gnd
Digital ground
33
SMRXD30
lpu/O
Switch MII receive data bit 0
Strap option:
Force flow control on port 2 (P2FFC)
PU = always enable (force) port 2 flow control feature, regardless of Auto-
Negotiation result.
PD = port 2 flow control is enabled by auto- negotiation result.
34
SCRS3/
NC
Ipu/O
MLL/FLL: Switch MII carrier sense
RLL: No connection, Internal pull up.
35
SCOL3/
NC
Ipu/O
MLL/FLL: Switch MII collision detect
RLL: No connection, Internal pull up.
36
SMRXC3/
NC
I/O
MLL/FLL: Switch MII receive clock.
Output in PHY MII mode
Input in MAC MII mode
RLL: No Connection.
37
GND
Gnd
Digital ground
38
VDDC
P
1.8V digital core power input from VDDCO (pin 56).
39
SPIQ
lpu/O
SPI slave mode: serial data output
Note: an external pull-up is needed on this pin when it is in use.
Strap option:
XCLK Frequency Selection
PU = 25 MHz
PD = 50 MHz
40
SPISN
Ipu
SPI slave mode: chip select (active low)
When SPISN is high, the KSZ8873MLL/FLL/RLL is deselected and SPIQ is
held in high impedance state.
A high-to-low transition is used to initiate SPI data transfer.
Note: an external pull-up is needed on this pin when it is in use.


Similar Part No. - KSZ8873MLL_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873MLL_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com