Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2003-0.5YM5 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2003-0.5YM5
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2003-0.5YM5 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2003-0.5YM5 Datasheet HTML 17Page - Micrel Semiconductor MIC2003-0.5YM5 Datasheet HTML 18Page - Micrel Semiconductor MIC2003-0.5YM5 Datasheet HTML 19Page - Micrel Semiconductor MIC2003-0.5YM5 Datasheet HTML 20Page - Micrel Semiconductor MIC2003-0.5YM5 Datasheet HTML 21Page - Micrel Semiconductor MIC2003-0.5YM5 Datasheet HTML 22Page - Micrel Semiconductor MIC2003-0.5YM5 Datasheet HTML 23Page - Micrel Semiconductor MIC2003-0.5YM5 Datasheet HTML 24Page - Micrel Semiconductor MIC2003-0.5YM5 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Micrel, Inc.
MIC20xx Family
August 2011
21
M9999-080211-D
Functional Description
VIN and VOUT
VIN is both the power supply connection for the internal
circuitry driving the switch and the input (Source
connection) of the power MOSFET switch. VOUT is the
Drain connection of the power MOSFET and supplies
power to the load. In a typical circuit, current flows from
VIN to VOUT toward the load. Since the switch is bi-
directional when enabled, if VOUT is greater than VIN,
current will flow from VOUT to VIN.
When the switch is disabled, current will not flow to the
load, except for a small unavoidable leakage current of
a few microamps. However, should VOUT exceed VIN by
more than a diode drop (~0.6 V), while the switch is
disabled, current will flow from output to input via the
power MOSFET’s body diode.
If discharging CLOAD is required by your application,
consider using MIC20X4 or MIC20X7; these MIC20XX
family members are equipped with a discharge FET to
insure complete discharge of CLOAD.
Current Sensing and Limiting
MIC20XX protects the system power supply and load
from damage by continuously monitoring current
through the on-chip power MOSFET. Load current is
monitored by means of a current mirror in parallel with
the power MOSFET switch. Current limiting is invoked
when the load exceeds the set over-current threshold.
When current limiting is activated the output current is
constrained to the limit value, and remains at this level
until either the load/fault is removed, the load’s current
requirement drops below the limiting value, or the
switch goes into thermal shutdown.
Kickstart™
2003
2004
2005X
2006
2007
2008
2009X
2013
2014
2015
2016
2017
2018
2019X
Only parts in bold have Kickstart™.
(Not available in 5-pin SOT-23 packages)
The MIC201X is designed to allow momentary current
surges (Kickstart™) before the onset of current limiting,
which permits dynamic loads, such as small disk drives
or portable printers to draw the energy needed to
overcome inertial loads without sacrificing system
safety. In this respect, the Kickstart™ parts (MIC201X)
differs markedly from the non-Kickstart™ parts
(MIC200X) which immediately limit load current,
potentially starving the motor and causing the appliance
to stall or stutter.
During this delay period, typically 128ms, a secondary
current limit is in effect. If the load demands a current in
excess the secondary limit, MIC201X acts immediately
to restrict output current to the secondary limit for the
duration of the Kickstart™ period. After this time the
MIC201X reverts to its normal current limit. An example
of Kickstart™ operation is shown in Figure 3.
Figure 3. Kickstart™ Operation
Figure 3 Label Key:
A. MIC201X is enabled into an excessive load (slew
rate limiting not visible at this time scale) The initial
current surge is limited by either the overall circuit
resistance and power supply compliance, or the
secondary current limit, whichever is less.
B. RON of the power FET increases due to internal
heating (effect exaggerated for emphasis).
C. Kickstart™ period.
D. Current limiting initiated. FAULT/ goes LOW.
E. VOUT is non-zero (load is heavy, but not a dead short
where VOUT = 0V. Limiting response will be the same
for dead shorts).
F. Thermal shutdown followed by thermal cycling.
G. Excessive load released, normal load remains.
MIC201X drops out of current limiting.
H. FAULT/ delay period followed by FAULT/ going
HIGH.
Undervoltage Lock-Out
Undervoltage lock-out insures no anomalous operation
occurs before the device’s minimum input voltage of
UVLOTHRESHOLD which is 2V minimum, 2.25V typical,
and 2.5V maximum had been achieved. Prior to
reaching this voltage, the output switch (power
MOSFET) is OFF and no circuit functions, such as
FAULT/ or ENABLE, are considered to be valid or
operative.


Similar Part No. - MIC2003-0.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
683Kb / 16P
   Current Limiting Circuit Protector
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2003-0.5YM5 MICREL-MIC2003-0.5YM5 Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2003-0.5YM5-TR MICROCHIP-MIC2003-0.5YM5-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2003-0.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com