Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8895MQ Datasheet(PDF) 84 Page - Micrel Semiconductor

Part # KSZ8895MQ
Description  Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8895MQ Datasheet(HTML) 84 Page - Micrel Semiconductor

Back Button KSZ8895MQ_12 Datasheet HTML 80Page - Micrel Semiconductor KSZ8895MQ_12 Datasheet HTML 81Page - Micrel Semiconductor KSZ8895MQ_12 Datasheet HTML 82Page - Micrel Semiconductor KSZ8895MQ_12 Datasheet HTML 83Page - Micrel Semiconductor KSZ8895MQ_12 Datasheet HTML 84Page - Micrel Semiconductor KSZ8895MQ_12 Datasheet HTML 85Page - Micrel Semiconductor KSZ8895MQ_12 Datasheet HTML 86Page - Micrel Semiconductor KSZ8895MQ_12 Datasheet HTML 87Page - Micrel Semiconductor KSZ8895MQ_12 Datasheet HTML 88Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 116 page
background image
Micrel, Inc.
KSZ8895MQ/RQ/FMQ
March 2012
84
M9999-032612-1.5
Advanced Control Registers (Continued)
Address
Name
Description
Mode
Default
Register 183 (0xB7): Port 1 Priority 0 Ingress Limit Control 1
Register 199 (0xC7): Port 2 Priority 0 Ingress Limit Control 1
Register 215 (0xD7): Port 3 Priority 0 Ingress Limit Control 1
Register 231 (0xE7): Port 4 Priority 0 Ingress Limit Control 1
Register 247 (0xF7): Port 5 Priority 0 Ingress Limit Control 1
7
Reserved
RO
0
6 – 0
Port Based Priority 0 Ingress
Limit
Ingress data rate limit for priority 0 frames
Ingress traffic from this port is shaped according to
the Data Rate Selected Table. See the table follow
the end of Egress limit control registers.
R/W
0000000
Register 184 (0xB8): Port 1 Priority 1 Ingress Limit Control 2
Register 200 (0xC8): Port 2 Priority 1 Ingress Limit Control 2
Register 216 (0xD8): Port 3 Priority 1 Ingress Limit Control 2
Register 232 (0xE8): Port 4 Priority 1 Ingress Limit Control 2
Register 248 (0xF8): Port 5 Priority 1 Ingress Limit Control 2
7
Reserved
RO
0
6 – 0
Port Based Priority 1 Ingress
Limit
Ingress data rate limit for priority 1 frames
Ingress traffic from this port is shaped according to
the Data Rate Selected Table. See the table follow
the end of Egress limit control registers.
R/W
0000000
Register 185 (0xB9): Port 1 Priority 2 Ingress Limit Control 3
Register 201 (0xC9): Port 2 Priority 2 Ingress Limit Control 3
Register 217 (0xD9): Port 3 Priority 2 Ingress Limit Control 3
Register 233 (0xE9): Port 4 Priority 2 Ingress Limit Control 3
Register 249 (0xF9): Port 5 Priority 2 Ingress Limit Control 3
7
Reserved
RO
0
6 – 0
Port Based Priority 2 Ingress
Limit
Ingress data rate limit for priority 2 frames
Ingress traffic from this port is shaped according to
the Data Rate Selected Table. See the table follow
the end of Egress limit control registers.
R/W
0000000
Register 186 (0xBA): Port 1 Priority 3 Ingress Limit Control 4
Register 202 (0xCA): Port 2 Priority 3 Ingress Limit Control 4
Register 218 (0xDA): Port 3 Priority 3 Ingress Limit Control 4
Register 234 (0xEA): Port 4 Priority 3 Ingress Limit Control 4
Register 250 (0xFA): Port 5 Priority 3 Ingress Limit Control 4
7
Reserved
RO
0
6 – 0
Port Based Priority 3 Ingress
Limit
Ingress data rate limit for priority 3 frames
Ingress traffic from this port is shaped according to
the Data Rate Selected Table. See the table follow
the end of Egress limit control registers.
R/W
0000000


Similar Part No. - KSZ8895MQ_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQI MICREL-KSZ8895MQI Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895MQI MICREL-KSZ8895MQI Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
logo
Microchip Technology
KSZ8895MQX MICROCHIP-KSZ8895MQX Datasheet
1Mb / 108P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
KSZ8895MQXC MICROCHIP-KSZ8895MQXC Datasheet
1Mb / 108P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
More results

Similar Description - KSZ8895MQ_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Infineon Technologies A...
KSZ8895 INFINEON-KSZ8895 Datasheet
870Kb / 115P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Microchip Technology
KSZ8895MQX MICROCHIP-KSZ8895MQX Datasheet
1Mb / 108P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
   Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
KSZ8775CLX MICROCHIP-KSZ8775CLX Datasheet
1Mb / 132P
   Integrated 5?밣ort 10/100 Managed Ethernet Switch with Port 4 RMII and Port 5 RGMII/MII/RMII Interfaces
06/17/16
KSZ8795CLX MICROCHIP-KSZ8795CLX Datasheet
1Mb / 132P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX Datasheet
1Mb / 131P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX_V01 Datasheet
1Mb / 132P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces
DS00002130C (05-02-22)
logo
Davicom Semiconductor, ...
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com