Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2090 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2090
Description  Current Limiting Power Distribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2090 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2090_11 Datasheet HTML 4Page - Micrel Semiconductor MIC2090_11 Datasheet HTML 5Page - Micrel Semiconductor MIC2090_11 Datasheet HTML 6Page - Micrel Semiconductor MIC2090_11 Datasheet HTML 7Page - Micrel Semiconductor MIC2090_11 Datasheet HTML 8Page - Micrel Semiconductor MIC2090_11 Datasheet HTML 9Page - Micrel Semiconductor MIC2090_11 Datasheet HTML 10Page - Micrel Semiconductor MIC2090_11 Datasheet HTML 11Page - Micrel Semiconductor MIC2090_11 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Micrel, Inc.
MIC2090/MIC2091
July 2011
8
M9999-070611-B
Typical Characteristics (Continued)
Current Limit vs.
Temperature (MIC2090)
70
75
80
85
90
95
100
105
110
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 1.8V
ILIMIT @ VOUT = 0V
ILIMIT @ VOUT = 1.6V
FAULT/ Delay vs. Temperature
(MIC2090)
6.5
7.0
7.5
8.0
8.5
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5V
VIN = 1.8V
Auto-Reset Time vs.
Temperature (MIC2090)
58
59
60
61
62
63
64
65
66
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 1.8V
VIN = 5.0V
Current Limit vs. Temperature
(MIC2091)
140
150
160
170
180
190
200
210
220
230
240
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 1.8V
ILIMIT @ VOUT = 0V
ILIMIT @ VOUT = 1.6V
Current Limit vs. Temperature
(MIC2091)
140
150
160
170
180
190
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5.0V
ILIMIT @ VOUT = 0V
ILIMIT @ VOUT = 4.5V
RDS(ON)
vs. Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5.0V
VIN = 1.8V
IOUT = 10mA
Output Turn-On Delay
vs. Temperature
185
190
195
200
205
210
215
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 1.8V
VIN = 5.0V
CLOAD = 0.1μF
RLOAD =500Ω
Output Rise Time
vs. Temperature
0
1
2
3
4
5
6
7
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 1.8V
VIN = 5.0V
CLOAD = 0.1μF
RLOAD =500Ω
Output Turn-Off Delay
vs. Temperature
25
27
29
31
33
35
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 1.8V
VIN = 5.0V
CLOAD = 0.1μF
RLOAD =500Ω


Similar Part No. - MIC2090_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095-1YMT MICREL-MIC2095-1YMT Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095-1YMT MICREL-MIC2095-1YMT Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095-2YMT MICREL-MIC2095-2YMT Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
More results

Similar Description - MIC2090_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
logo
ON Semiconductor
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com