Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC2225 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part No. MIC2225
Description  2MHz 600mA Synchronous Buck Regulator with 300mA LDO
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

MIC2225 Datasheet(HTML) 2 Page - Micrel Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micrel, Inc.
MIC2225
February 2008
2
M9999-022008-D
Ordering Information
Part Number
Marking
Code
Voltage*
Temperature Range
Package
Lead Finish
MIC2225-4KYMT
4TK
1.2V/2.6V
–40° to +125°C
10-Pin 2x2 Thin MLF
®
Pb-Free
MIC2225-4MYMT
4TM
1.2V/2.8V
–40° to +125°C
10-Pin 2x2 Thin MLF
®
Pb-Free
MIC2225-4OYMT
4TO
1.2V/2.9V
–40° to +125°C
10-Pin 2x2 Thin MLF
®
Pb-Free
MIC2225-4SYMT
4TS
1.2V/3.3V
–40° to +125°C
10-Pin 2x2 Thin MLF
®
Pb-Free
MIC2225-G4YMT
GT4
1.8V/1.2V
–40° to +125°C
10-Pin 2x2 Thin MLF
®
Pb-Free
MIC2225-GFYMT
GTF
1.8V/1.5V
–40° to +125°C
10-Pin 2x2 Thin MLF
®
Pb-Free
MIC2225-GJYMT
GTJ
1.8V/2.5V
–40° to +125°C
10-Pin 2x2 Thin MLF
®
Pb-Free
MIC2225-GMYMT
GTM
1.8V/2.8V
–40° to +125°C
10-Pin 2x2 Thin MLF
®
Pb-Free
Note:
MLF® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Other voltage options available. Please contact Micrel for details.
* Refers to nominal output voltage of DC/DC and LDO respectively.
Pin Configuration
FB
EN
5
1
AGND
LDO
BIAS
AVIN
10 PGND
SW
VIN
ENLDO
9
8
7
2
3
4
6
10-Pin 2mm x 2mm Thin MLF
® (MT)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn