Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC2225 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part No. MIC2225
Description  2MHz 600mA Synchronous Buck Regulator with 300mA LDO
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

MIC2225 Datasheet(HTML) 8 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Micrel, Inc.
MIC2225
February 2008
8
M9999-022008-D
Typical Characteristics (LDO) continued
0
0.5
1.0
1.5
2.0
2.5
3.0
10
FREQUENCY (Hz)
Output Noise
Spectral Density
100
1K
10K 100K
1M
VIN = 3.6V
VOUT = 3.3V
COUT = 2.2µF
CBYP = 0.1µF
Noise(10Hz–100kHz) = 169µVRMS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn