Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2584-2LYTS Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC2584-2LYTS
Description  Dual-Channel Hot Swap Controller/Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2584-2LYTS Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC2584-2LYTS Datasheet HTML 18Page - Micrel Semiconductor MIC2584-2LYTS Datasheet HTML 19Page - Micrel Semiconductor MIC2584-2LYTS Datasheet HTML 20Page - Micrel Semiconductor MIC2584-2LYTS Datasheet HTML 21Page - Micrel Semiconductor MIC2584-2LYTS Datasheet HTML 22Page - Micrel Semiconductor MIC2584-2LYTS Datasheet HTML 23Page - Micrel Semiconductor MIC2584-2LYTS Datasheet HTML 24Page - Micrel Semiconductor MIC2584-2LYTS Datasheet HTML 25Page - Micrel Semiconductor MIC2584-2LYTS Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MIC2584/2585
Micrel
MIC2584/2585
22
March 2005
Higher UVLO Setting
Once a PCB is inserted into a backplane (power supply), the
internal UVLO circuit of the MIC2584/85 holds the GATE
output charge pump off until VCC1 exceeds 2.165V and
VCC2 exceeds 0.8V. If VCC1 falls below 1.935V or VCC2
falls below 0.77V, the UVLO circuit pulls the GATE output to
ground and clears the overvoltage and/or current limit faults.
For a higher UVLO threshold, the circuit in Figure 10 can be
used to delay the output MOSFET from switching on until the
desired input voltage is achieved. The circuit allows the
charge pumps to remain off until V
IN1
exceeds
1
R1
R2
1.235V
+


×
provided that VCC2 has exceeded its
threshold. Both GATE drive outputs will be shut down when
V
IN1 falls below
1
R1
R2
1.21V
+


×
. In the example circuit , the
rising UVLO threshold is set at approximately 9.0V and the
falling UVLO threshold is established as 8.9V. The circuit
consists of an external resistor divider at the ON pin that
keeps both GATE output charge pumps off until the voltage
at the ON pin exceeds its threshold (V
ON) and after the start-
up timer elapses.
Hot Swap Power Control for DSPs
In designing power supplies for dual supply logic devices,
such as a DSP, consideration should be given to the system
timing requirements of the core and I/O voltages for power-
up and power-down operations. When power is provided to
the core and I/O circuit blocks in an unpredictable manner,
the effects can be detrimental to the life cycle of the DSP or
logic device by allowing unexpected current to flow in the core
and I/O isolation structures. Additionally, bus contention is
one of the critical system-level issues supporting the need for
power supply sequencing. Since the core supplies logic
control for the bus, powering up the I/O before the core may
result in both the DSP and an attached peripheral device
being simultaneously configured as outputs. In this case, the
output drivers of each device contend for control over sending
data along the bus which may cause excessive current to flow
in one of the paths (I
1 or I2) shown in the bidirectional port of
Figure 11. Upon powering down the system, the core voltage
supply should turn off after the I/O as the bus control signal(s)
may enter an indeterminate state if the core is powered down
first. Thus, for power sequencing of a dual supply voltage
DSP implementing the MIC2585 (if V
CORE ≥ VI/O), a circuit
similar to Figure 8 is recommended with the core voltage
supplied through Channel 1 and the I/O voltage supplied
through Channel 2. For systems with V
CORE < VI/O, the
MIC2585-2 option with the I/O voltage through Channel 1 and
core through Channel 2 is used to implement the first on-last
off application.
Sense Resistor Selection
The MIC2584 and MIC2585 use a low-value sense resistor to
measure the current flowing through the MOSFET switch
(and therefore the load). This sense resistor is nominally set
at 50mV/I
LOAD(CONT). To accommodate worst-case toler-
ances for both the sense resistor (allow
±3% over time and
temperature for a resistor with
±1% initial tolerance) and still
supply the maximum required steady-state load current, a
slightly more detailed calculation must be used.
The current limit threshold voltage (i.e., the “trip point”) for the
MIC2584/85 may be as low as 42.5mV, which would equate
to a sense resistor value of 42.5mV/I
LOAD(CONT). Carrying the
numbers through for the case where the value of the sense
resistor is 3% high yields:
R
42.5mV
1.03 I
41.3mV
I
SENSE(MAX)
LOAD(CONT)
LOAD(CONT)
=
()
()
=
(11)
Once the value of R
SENSE has been chosen in this manner,
it is good practice to check the maximum I
LOAD(CONT) which
the circuit may let through in the case of tolerance build-up in
SENSE1
VCC1
ON
FB1
GATE1
GND
Undervoltage Lockout Threshold (rising) = 9.0V
Undervoltage Lockout Threshold (falling) = 8.9V
Undervoltage (Output) = 11.4V
Channel 2 and additional pins omitted for clarity.
Q1
IRF7822
(SO-8)
R3
10
R5
16.2k
1%
R1
154k
1%
R2
24.3k
1%
MIC2584
C1
1
µF
D1
(18V)
C2
0.01
µF
CLOAD1
1000
µF
R4
133k
1%
VOUT1
12V@4A
VIN1
12V
9
16
15
12
6
14
RSENSE1
0.010
5%
12
34
Figure 10. Higher UVLO Setting


Similar Part No. - MIC2584-2LYTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584-XBTS MICREL-MIC2584-XBTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584-XYTS MICREL-MIC2584-XYTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
More results

Similar Description - MIC2584-2LYTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com