Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2310-1ZTS Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC2310-1ZTS
Description  Single-FET, Constant Power-Limit Hot Swap Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2310-1ZTS Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC2310-1ZTS Datasheet HTML 14Page - Micrel Semiconductor MIC2310-1ZTS Datasheet HTML 15Page - Micrel Semiconductor MIC2310-1ZTS Datasheet HTML 16Page - Micrel Semiconductor MIC2310-1ZTS Datasheet HTML 17Page - Micrel Semiconductor MIC2310-1ZTS Datasheet HTML 18Page - Micrel Semiconductor MIC2310-1ZTS Datasheet HTML 19Page - Micrel Semiconductor MIC2310-1ZTS Datasheet HTML 20Page - Micrel Semiconductor MIC2310-1ZTS Datasheet HTML 21Page - Micrel Semiconductor MIC2310-1ZTS Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Micrel, Inc.
MIC2310
July 2008
18
M9999-070108-A
VCC = 12V, nominal
VGSPGH
VGSPGH
VPGH
VPGL
tPOC
IPOC
VREG = 5V, nominal
tRETRY
tPOR
VCC & VREG
ENABLE
GATE
VOUT
ILOAD
CRETRY
PWRGD
I_FLT
DISCH
VVREG(UVLOH)
Figure 6. Primary Overcurrent Fault with Auto-Retry to Reset the Circuit Breaker
HW_FLT Digital Output Asserted by a MOSFET DG
Short with ENABLE = LOW
In order to protect the system from the result of the
installation of a damaged MOSFET on the PCB, the
controller incorporates a MOSFET shorted DG
detection scheme whose operation is described in
Figure 7. With the applied VCC supply high such that
the internal VREG voltage is above the controller’s
VVREG(UVLOH) threshold voltage, an elapsed POR timer,
and with the ENABLE input LOW, a weak current sink
at the GATE pin attempts to hold the GATE voltage at
0V. If there is a DG short on the MOSFET, the weak
current sink is not capable of holding the voltage at 0V
as the GATE voltage tracks the MOSFET’s DRAIN
voltage. The voltage monitor circuit at the controller’s
GATE pin will be triggered once the GATE voltage
crosses the VGATEFT(EXT) threshold voltage. The
HW_FLT digital output is subsequently asserted within
a delay approximately equal to the delay in the logic
circuits – no additional timing circuit is required. To
clear the latched GATE voltage monitor circuit and to
reset the HW_FLT digital output, the applied VCC
supply voltage must fall such that VREG is below the
controller’s VVREG(UVLOL) threshold voltage.


Similar Part No. - MIC2310-1ZTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150-4YMT MICREL-MIC23150-4YMT Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150-4YMT MICREL-MIC23150-4YMT Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23150-55YMT MICREL-MIC23150-55YMT Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
More results

Similar Description - MIC2310-1ZTS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com