Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2583R-MBQS Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MIC2583R-MBQS
Description  Single Channel Hot Swap Controllers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2583R-MBQS Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MIC2583R-MBQS Datasheet HTML 17Page - Micrel Semiconductor MIC2583R-MBQS Datasheet HTML 18Page - Micrel Semiconductor MIC2583R-MBQS Datasheet HTML 19Page - Micrel Semiconductor MIC2583R-MBQS Datasheet HTML 20Page - Micrel Semiconductor MIC2583R-MBQS Datasheet HTML 21Page - Micrel Semiconductor MIC2583R-MBQS Datasheet HTML 22Page - Micrel Semiconductor MIC2583R-MBQS Datasheet HTML 23Page - Micrel Semiconductor MIC2583R-MBQS Datasheet HTML 24Page - Micrel Semiconductor MIC2583R-MBQS Datasheet HTML 25Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Micrel, Inc.
MIC2582/MIC2583
April 2009
23
M9999-043009-C
MOSFET Vendor
Key MOSFET Type(s)
Applications
(1)
Contact Information
Vishay (Siliconix)
Si4420DY (SOIC-8) package
Si4442DY (SOIC-8) package
Si4876DY (SOIC-8) package
Si7892DY (PowerPAK™ SOIC-8)
IOUT ≤ 10A
IOUT = 10-15A, VCC < 3V
IOUT ≤ 5A, VCC ≤ 5V
IOUT ≤ 15A
www.siliconix.com
(203) 452-5664
International Rectifier
IRF7413 (SOIC-8 package)
IRF7457 (SOIC-8 package)
IRF7601 (SOIC-8 package)
IOUT ≤ 10A
IOUT = 10-15A
IOUT ≤ 5A, VCC ≤ 3V
www.irf.com
(310) 322-3331
Fairchild Semiconductor
FDS6680A (SOIC-8 package)
IOUT ≤ 10A
www.fairchildsemi.com
(207) 775-8100
Philips
PH3230 (SOT669-LFPAK)
IOUT ≥ 20A
www.philips.com
Hitachi
HAT2099H (LFPAK)
IOUT ≥ 20A
www.halsp.hitachi.com
(408) 433-1990
Note:
1. These devices are not limited to these conditions in many cases, but these conditions are provided as a helpful reference for customer applications.
Resistor Vendors
Sense Resistors
Contact Information
Vishay (Dale)
“WSL” Series
www.vishay.com/docswsl_30100.pdf
(203) 452-5664
IRC
“OARS” Series
”LR” Series
(second source to “WSL”)
www.irctt.com/pdf_files/OARS.pdf
www.irctt.com/pdf_files/LRC.pdf
(828) 264-8861
Table 4. MOSFET and Sense Resistor Vendors


Similar Part No. - MIC2583R-MBQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2583R-MBQS MICREL-MIC2583R-MBQS Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
More results

Similar Description - MIC2583R-MBQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com