Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2555-1BML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2555-1BML
Description  USB ??OTG Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2555-1BML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2555-1BML Datasheet HTML 2Page - Micrel Semiconductor MIC2555-1BML Datasheet HTML 3Page - Micrel Semiconductor MIC2555-1BML Datasheet HTML 4Page - Micrel Semiconductor MIC2555-1BML Datasheet HTML 5Page - Micrel Semiconductor MIC2555-1BML Datasheet HTML 6Page - Micrel Semiconductor MIC2555-1BML Datasheet HTML 7Page - Micrel Semiconductor MIC2555-1BML Datasheet HTML 8Page - Micrel Semiconductor MIC2555-1BML Datasheet HTML 9Page - Micrel Semiconductor MIC2555-1BML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Micrel, Inc.
MIC2555
December 2006
6
M9999-121406
Symbol
Parameter
Condition
Min
Typ
Max
Units
RA_BUS_IN
VBUS Input Resistance
Seen from VBUS pin to GND
40
63
100
kΩ
VTH_VBUS
‘VBUS Valid’ Comparator
Threshold Voltage
4.4
4.5
4.6
V
VTH_SV
“Session Valid’ Comparator
Threshold Voltage
0.8
1.4
2.0
V
VTH_SE
“Session End’ Comparator
Threshold Voltage
0.2
0.4
0.8
V
ID
VTHH_R_ID
Upper Threshold for ID
Resistor Sensing
VBAT = 3.0V
2.45
2.55
2.65
V
VTHL_R_ID
Lower Threshold for ID
Resistor Sensing
VBAT = 3.0V
0.35
0.42
0.55
V
RID_PU
Pull-up Resistor switched to
ID for detecting non-USB
devices
70
90
130
kΩ
IID_WPU
Weak Pull-up current source
driving ID pin
VID = 0V
2
4
6
µA
RID_SW_GND
Interrupt Pulse Switch
VID ≤ 200mV
1.0
4.0
kΩ
Logic Levels
- SDA, SCL, ADR0, OE_INT/, SE0_VM_TX, DAT_VP_RX, RCV, INT/, RESET/ & GPIO
VIL
LOW-Level Input Voltage
0.3x
VDD_LGC
V
VIH
HIGH-Level Input Voltage
0.7x
VDD_LGC
V
Input Hysteresis
SDA, SCL
100
mV
VIL
LOW-Level Input Voltage
0.15x
VDD_LGC
V
VIH
HIGH-Level Input Voltage
ADR0, OE_INT/, SE0_VM_TX,
DAT_VP_RX, RCV, INT/, RESET/ & GPIO
Applies to USB and UART modes.
0.85x
VDD_LGC
V
IIN_LGC
Input Leakage Current
1.6V
≤ VDD_LGC ≤ 4.5V
-5
+5
µA
VOL
LOW-Level Output Voltage
IOL = 100µA
.02
0.1
V
VOH
HIGH-Level Output Voltage
IOH = 100µA
0.9x
VDD_LGC
V
VOL_SDA
LOW-Level Output Voltage at
SDA pin
IOL = 5mA
0.3x
VDD_LGC
V
VOH_SDA
HIGH-Level Output Voltage at
SDA pin
RSDA_PU = 3.0K
0.7x
VDD_LGC
V
VOL_GPIO
LOW-Level Output Voltage at
GPIO pins
IOL = 10mA
150
250
mV
VOH_GPIO
HIGH-Level Output Voltage at
GPIO pins
RPU = 3.0K
VDD_PU
0.1V
VDD_PU
V
IOH_GPIO
GPIO Output driver leakage
current
VDD_PU = VOH_GPIO = 5V
1
30
µA


Similar Part No. - MIC2555-1BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555BML-0 MICREL-MIC2555BML-0 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555BML-1 MICREL-MIC2555BML-1 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555YML-0 MICREL-MIC2555YML-0 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555YML-1 MICREL-MIC2555YML-1 Datasheet
306Kb / 29P
   USB - OTG Transceiver
More results

Similar Description - MIC2555-1BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
logo
STMicroelectronics
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
   USB-OTG Full-speed Transceiver
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
   USB-OTG Full-speed Transceiver
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Texas Instruments
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
logo
ON Semiconductor
ESD7383 ONSEMI-ESD7383 Datasheet
213Kb / 6P
   USB-OTG 3-Line Protection
September, 2011 ??Rev. 0
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
STMicroelectronics
UM0212 STMICROELECTRONICS-UM0212 Datasheet
264Kb / 13P
   STOTG04 USB OTG full-speed
logo
Texas Instruments
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com