Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2555-0BML Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # MIC2555-0BML
Description  USB ??OTG Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2555-0BML Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button MIC2555-0BML Datasheet HTML 20Page - Micrel Semiconductor MIC2555-0BML Datasheet HTML 21Page - Micrel Semiconductor MIC2555-0BML Datasheet HTML 22Page - Micrel Semiconductor MIC2555-0BML Datasheet HTML 23Page - Micrel Semiconductor MIC2555-0BML Datasheet HTML 24Page - Micrel Semiconductor MIC2555-0BML Datasheet HTML 25Page - Micrel Semiconductor MIC2555-0BML Datasheet HTML 26Page - Micrel Semiconductor MIC2555-0BML Datasheet HTML 27Page - Micrel Semiconductor MIC2555-0BML Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Micrel, Inc.
MIC2555
December 2006
24
M9999-121406
Interrupt Source Register
Interrupt Status
rd - 08h
Indicates the current state of signals that can
generate an interrupt.
vbus_vld
1
rd
bit 0
1 = VBUS > 4.4V
(VBUS valid comparator)
sess_vld
1
rd
bit 1
1 = 0.8V< VBUS< 2.0V.
(Session valid comparator)
se_dp
1
rd
bit 2
1 = D+ pin is HIGH
id_gnd_in
1
rd
bit 3
1 = ID pin grounded
se_dm
1
rd
bit 4
1 = D- pin is HIGH
id_float
1
rd
bit 5
1 = ID pin floating
bdis_acon
(sess_end)
1
rd
bit 6
If: bdis_acon_en = 1
1 = SE0 has been detected, transceiver asserted
dp_pullup after detecting B-device disconnect.
If bdis_acon_en = 0, sess_end_en = 1
1 = VBUS < 0.8V. (Session End comparator output =
TRUE)
cr_int
1
rd
bit 7
1 = car kit interrupt, D+ pin has seen a pulse above
the interrupt level
Interrupt Latch 1
Interrupt Source
set –0Ah
clr – 0Bh
Indicates which sources have interrupted. 1 =
interrupt.
Vbus_vld
1
rd/s/c
bit 0
sess_vld
1
rd/s/c
bit 1
se_dp
1
rd/s/c
bit 2
id_gnd_in
1
rd/s/c
bit 3
se_dm
1
rd/s/c
bit 4
id_float
1
rd/s/c
bit 5
bdis_acon
(sess_end)
1
rd/s/c
bit 6
cr_int
1
rd/s/c
bit 7
Interrupt Mask False
False
Interrupt Mask
set – 0Ch
clr – 0Dh
Enables interrupts on transition from TRUE to FALSE
1
set
=
1,
Interrupt
on
T F.
1
clr = 0, no interrupt.
Vbus_vld
1
rd/s/c
bit 0
sess_vld
1
rd/s/c
bit 1
se_dp
1
rd/s/c
bit 2
id_gnd_in
1
rd/s/c
bit 3
se_dm
1
rd/s/c
bit 4
id_float
1
rd/s/c
bit 5
bdis_acon
(sess_end)
1
rd/s/c
bit 6
cr_int
1
rd/s/c
bit 7


Similar Part No. - MIC2555-0BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555BML-0 MICREL-MIC2555BML-0 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555BML-1 MICREL-MIC2555BML-1 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555YML-0 MICREL-MIC2555YML-0 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555YML-1 MICREL-MIC2555YML-1 Datasheet
306Kb / 29P
   USB - OTG Transceiver
More results

Similar Description - MIC2555-0BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
logo
STMicroelectronics
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
   USB-OTG Full-speed Transceiver
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
   USB-OTG Full-speed Transceiver
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Texas Instruments
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
logo
ON Semiconductor
ESD7383 ONSEMI-ESD7383 Datasheet
213Kb / 6P
   USB-OTG 3-Line Protection
September, 2011 ??Rev. 0
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
STMicroelectronics
UM0212 STMICROELECTRONICS-UM0212 Datasheet
264Kb / 13P
   STOTG04 USB OTG full-speed
logo
Texas Instruments
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com