Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MIC2590B-2YTQ Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. MIC2590B-2YTQ
Description  Dual-Slot PCI Hot Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

MIC2590B-2YTQ Datasheet(HTML) 3 Page - Micrel Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Micrel, Inc.
MIC2590B
September 2008
3
M9999-091808
Pin Configuration
48-Pin TQFP (TQ)
Pin Description
Pin Number
Pin Name
Pin Function
6, 31
5VINA, 5VINB
5V Supply Power and Sense Inputs [A/B]: Two pins are provided for Kelvin
connection (one for each slot). Pin 6 is the Kelvin sense connection to the
supply side of the sense resistor for 5V Slot A. Pin 31 is the Kelvin sense
connection to the supply side of the sense resistor for 5V Slot B. These two pins
must ultimately connect to each other within 10cm. An undervoltage lockout
circuit (UVLO) prevents the switches from turning on while this input is less than
its lockout threshold.
12, 25
3VINA, 3VINB
3.3V Supply Power and Sense Inputs [A/B]: Two pins are provided for Kelvin
connection (one for each slot). Pin 12 is the Kelvin sense connection to the
supply side of the sense resistor for 3V Slot A. Pin 25 is the Kelvin sense
connection to the supply side of the sense resistor for 3V Slot B. These two pins
must ultimately connect to each other within 10cm. An undervoltage lockout
circuit (UVLO) prevents the switches from turning on while this input is less than
its lockout threshold.
5, 32
12VIN – 2 pins
+12V Supply Input: An undervoltage lockout circuit prevents the switches from
turning on while this input is less than its lockout threshold. Both pins must be
tied together at the chip.
17, 18
12VMIN – 2 pins
–12V Supply Input: An undervoltage lockout circuit prevents the switches from
turning on while this input is less than its lockout threshold. Both pins must be
tied together at the chip.
10, 27
12VOUTA, 12VOUTB
12V output [A/B]
19, 20
12MVOUTA, 12MVOUTB
–12V output [A/B]
3, 34
12VSLEWA, 12VSLEWB
12V Slew Rate Control [A/B]: Connect capacitors between these pins and
ground to set output slew rates of the +12V and -12V supplies.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn