Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC2590B-2YTQ Datasheet(PDF) 15 Page - Micrel Semiconductor

Part No. MIC2590B-2YTQ
Description  Dual-Slot PCI Hot Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2590B-2YTQ Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC2590B-2YTQ Datasheet HTML 11Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 12Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 13Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 14Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 15Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 16Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 17Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 18Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Micrel, Inc.
MIC2590B
September 2008
15
M9999-091808
Detailed Register Descriptions below:
Conversion Result Register (RESULT), 8-Bits Read Only
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Voltage or Current Data from ADC
Bit
Function
Operation
D[7:0]
Measure data from ADC
Read Only
Power-Up Default Value:
Undefined following POR
Read Command Byte:
0000 0000b = 00h
(ADC Control Register ADCNTRL), 8-Bits Read/Write
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-
write
D[3]
read-
write
D[2]
read-
write
D[1]
read-
write
D[0]
read-
write
Busy
Reserved
Reserved
SEL
PAR
Supply Select
SUP[2:0]
Bit(s)
Function
Operation
BUSY
ADC Status
0 = ADC Quiescent
1 = ADC Busy
D[6]
Reserved
Always Read as Zero
D[5]
Reserved
Always Read as Zero
SEL
A/D Slot Select
Specifies Channel for
A/D Conversion
0 = Slot A
1 = Slot B
PAR
Parameter Control Bit
for ADC Conversion
0 = Current
1 = Voltage
SUP[2:0]
Supply Select for ADC
Conversion
000 = No Conversion
001 = 3.3V Supply
010 = 5.0V Supply
011 = +12V Supply
100 = -12V Supply
101 = VAUX Supply
Power-Up Default Value:
0000 0000b = 00h
Command Byte (R/W):
0000 0001b = 01h
To operate the ADC the ADCNTRL register must first be
initialized by selecting a slot, specifying whether voltage
or current is to be measured and then specifying the
specific supply that is to be monitored. The software must
then wait 100ms, or poll the BUSY bit until it is zero. The
RESULT register will then contain the valid result of the
conversion.
Control Register, Slot A (CNTRLB), 8-Bits Read/Write
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-write
D[0]
read-write
AUXAPG
MAINAPG
Reserved
Reserved
Reserved
Reserved
MAINA
AUXA
Bit(s)
Function
Operation
AUXAPG
AUX Output Power-
Good Status, Slot A
1 = Power-Good
(VAUXA output is
above its VUVTH
threshold)
MAINAPG
MAIN Output Power-
Good Status, Slot A
1 = Power-Good
(MAINA output is
above its VUVTH
threshold)
D[5]
Reserved
Always Read as Zero
D[4]
Reserved
Always Read as Zero
D[3]
Reserved
Always Read as Zero
D[2]
Reserved
Always Read as Zero
MAINA
MAIN Enable Control,
Slot A
0 = OFF, 1 = ON
VAUXA
VAUX Enable Control,
Slot A
0 = OFF, 1 = ON
Power-Up Default Value:
0000 0000b = 00h
Command Byte (R/W):
0000 0010b = 02h
The power-up default value is 00h. Slot A is disabled
upon power-up, i.e., all supply outputs are off.
Control Register, Slot B (CNTRLB), 8-Bits Read/Write
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-write
D[0]
read-write
AUXBPG
MAINBPG
Reserved
Reserved
Reserved
Reserved
MAINB
AUXB
Bit(s)
Function
Operation
AUXBPG
AUX Output Power-
Good Status, Slot B
1 = Power-Good
(VAUXB output is
above its VUVTH
threshold)
MAINBPG
MAIN Output Power-
Good Status, Slot B
1 = Power-Good
(MAINB output is
above its VUVTH
threshold)
D[5]
Reserved
Always Read as Zero
D[4]
Reserved
Always Read as Zero
D[3]
Reserved
Always Read as Zero
D[2]
Reserved
Always Read as Zero
MAINB
MAIN Enable Control,
Slot B
0 = OFF, 1 = ON
VAUXB
VAUX Enable Control,
Slot B
0 = OFF, 1 = ON
Power-Up Default Value:
0000 0000b = 00h
Command Byte (R/W):
0000 0011b = 03h
The power-up default value is 00h. Slot B is disabled
upon power-up, i.e., all supply outputs are off.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn