Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC2590B-2YTQ Datasheet(PDF) 14 Page - Micrel Semiconductor

Part No. MIC2590B-2YTQ
Description  Dual-Slot PCI Hot Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2590B-2YTQ Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2590B-2YTQ Datasheet HTML 10Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 11Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 12Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 13Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 14Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 15Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 16Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 17Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Micrel, Inc.
MIC2590B
September 2008
14
M9999-091808
S 1000
1A
x
00000 XXXA x x
x
/A
xx
P
MIC2590B Slave Address
Master to slave transfer, i.e., DATA driven by master.
x Slave to master transfer, i.e., DATA driven by slave.
DATA
CLK
Target Register
Value read from MIC2590B
START
STOP
R/W = READ
ACKNOWLEDGE
NOT ACKNOWLEDGE
Figure 7. READ_BYTE Protocol
S 1000
0A 00000 XXXAXX
X
/A
XX
P
MIC2590B Slave Address
Master to slave transfer, i.e., DATA driven by master.
Slave to master transfer, i.e., DATA driven by slave.
DATA
CLK
Target Register
Value to be written to MIC2590B
START
STOP
R/W = WRITE
ACKNOWLEDGE
NOT ACKNOWLEDGE
XX
Figure 8. WRITE_BYTE Protocol
Register Set and Programmer’s Model
Target Register
Common
Byte Value
Label
Description
Read
Write
Power-On
Default
RESULT
ADC Conversion
Result Register
00h
n/a
n/a
ADCNTRL
ADC Control
Register
01h
01h
00h
CNTRLA
Control Register
Slot A
02h
02h
00h
CNTRLB
Control Register
Slot B
03h
03h
00h
STATA
Slot A Status
04h
04h
00h
STATB
Slot B Status
05h
05h
00h
STAT
Common Status
Register
06h
06h
00h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn