Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MIC2590B-2YTQ Datasheet(PDF) 13 Page - Micrel Semiconductor

Part No. MIC2590B-2YTQ
Description  Dual-Slot PCI Hot Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

MIC2590B-2YTQ Datasheet(HTML) 13 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Micrel, Inc.
MIC2590B
September 2008
13
M9999-091808
intended for use by systems that support the IPMI
standard, but may be used for any desired purpose.
Interrupt Generation
In the MIC2590B, the /INT pin can be asserted (driven
low) whenever a fault condition trips the circuit breaker.
The MIC2590B can thus operate in either polled mode or
interrupt mode. In the polled mode, the Interrupt Mask bit
in the Common Status Register should be set, to prevent
the /INT pin from being asserted. Upon a circuit breaker
fault event the appropriate status bit is also set in the
corresponding status registers. In order to clear the status
bit the system must write a logic 1 back to same bit in the
status register. Upon occurrence of the write the /INT pin
will be de-asserted (if interrupts were enabled), if no other
interrupts are pending. This method of “echo reset” allows
data to be retained in the status registers until such time
as the system software is ready to deal with that data, and
then to control the earliest time at which the next interrupt
might occur.
System Management Interface (SMI)
The MIC2590B’s System Management Interface uses the
Read_Byte and Write_Byte subset of the SMBus
protocols to communicate with its host via the System
Management Interface bus. Additionally, the /INT output
signals the controlling processor that one or more events
need attention, if an interrupt-driven architecture is used.
Note that theMIC2590B does not participate in the SMBus
Alert Response Address (ARA) portion of the SMBus
protocol.
The SMBus Read_Byte operation consists of sending the
device’s slave address, followed by the target register’s
internal address, and then clocking out the byte to be read
from the target register. Similarly, the Write_Byte
operation consists of sending the device’s slave address,
followed by the target register’s internal address, and then
clocking in the byte to be written to the target register. The
target register addresses for the MIC2590B are given in
Table 4.
MIC2590B SMBus Address Configuration
The MIC2590B responds to its own unique address which
is assigned using A2, A1 and A0. These represent the 3
LSBs of its 7-bit address, as shown in Table 3. These
address bits are assigned only during power up of the
VSTBY supply input. These three bits allow up to eight
MIC2590B devices in a single system. These pins are
either grounded or left unconnected to specify a logical 0
or 1 respectively. A pin designated as a logical 1 may also
be pulled up to VSTBY.
Inputs
MIC2590B Slave Addresses
A2
A1
A0
Binary
Hex
0
0
0
1000 000b
80h
0
0
1
1000 001b
82h
0
1
0
1000 010b
84h
0
1
1
1000 011b
86h
1
0
0
1000 100b
88h
1
0
1
1000 101b
8Ah
1
1
0
1000 110b
8Ch
1
1
1
1000 111b
8Eh
Table 3. MIC2590B SMBus Addressing
AUXEN[x]
ON[x]
AUX OUT[x]
MAIN OUT[x]
FAULT DETECTED
ON AUX OUT[x]
FAULT DETECTED
ON MAIN OUT[x]
/FAULT OUTPUT[x]
/INT OUTPUT
(CLEARED BY SOFTWARE)
Figure 6. Hot Plug Interface Mode Operation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn