Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC2590B-2YTQ Datasheet(PDF) 10 Page - Micrel Semiconductor

Part No. MIC2590B-2YTQ
Description  Dual-Slot PCI Hot Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2590B-2YTQ Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2590B-2YTQ Datasheet HTML 6Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 7Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 8Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 9Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 10Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 11Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 12Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 13Page - Micrel Semiconductor MIC2590B-2YTQ Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Micrel, Inc.
MIC2590B
September 2008
10
M9999-091808
Test Circuit
t1
t4
SCL
SDA
Data In
SDA
Data Out
t2
t5
t3
Figure 1. SMBus Timing
1V
3VGATE/5VGATE
VTHFAST
tOFF3/5
VTHFAST
Figure 2. 3V/5V Current Limit Response Timing
ITHFAST
ILIM12[M]
tOFF12[M]
IOUT
IOUT(AUX)
IOUT(AUX)
ILIM(AUX)
Must Trip
May Not Trip
IAUX(THRESH)
Figure 3. +12V/–12V Current Limit Response Timing
Figure 4. VAUX Current Limit Threshold
IOUT(AUX)
tSC(TRAN)
ILIM(AUX)
ISC(TRAN)
Figure 5. VAUX Current Limit Response Timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn