Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MIC2590B-2YTQ Datasheet(PDF) 9 Page - Micrel Semiconductor

Part No. MIC2590B-2YTQ
Description  Dual-Slot PCI Hot Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

MIC2590B-2YTQ Datasheet(HTML) 9 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Micrel, Inc.
MIC2590B
September 2008
9
M9999-091808
Symbol
Parameter
Condition
Min
Typ
Max
Units
12VOUTA
12VOUTB
Full Scale Voltage
LSB of Voltage
Full Scale Current
LSB of Current
13.8
54.1
6.96
27.3
V
mV
mA
mA
12MVOUTA
12MVOUTB
Full Scale Voltage
LSB of Voltage
Full Scale Current
LSB of Current
–13.6
53.5
100
0.392
V
mV
mA
mA
SMBus Timing, Note 5
t1
SCL (Clock) Period
Figure 1
2.5
µs
t2
Data In Set-Up Time to SCL HIGH
Figure 1
100
ns
t3
Data Out Stable after SCL LOW
Figure 1
300
ns
t4
Data LOW Set-Up Time to SCL LOW
Start Condition, Figure 1
100
ns
t5
Data HIGH Hold Time after SCL HIGH
Start Condition, Figure 1
100
ns
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. See Applications section.
5. Parameters guaranteed by design. Not 100% production tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn