Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2807-OOYML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2807-OOYML
Description  RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2807-OOYML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2807-OOYML Datasheet HTML 1Page - Micrel Semiconductor MIC2807-OOYML Datasheet HTML 2Page - Micrel Semiconductor MIC2807-OOYML Datasheet HTML 3Page - Micrel Semiconductor MIC2807-OOYML Datasheet HTML 4Page - Micrel Semiconductor MIC2807-OOYML Datasheet HTML 5Page - Micrel Semiconductor MIC2807-OOYML Datasheet HTML 6Page - Micrel Semiconductor MIC2807-OOYML Datasheet HTML 7Page - Micrel Semiconductor MIC2807-OOYML Datasheet HTML 8Page - Micrel Semiconductor MIC2807-OOYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Micrel, Inc.
MIC2807
February 2008
5
M9999-022008-B
Parameter
Condition
Min
Typ
Max
Units
Turn-On Time
IOUT = 100µA
25
50
µs
DAC Input Current
0.15
2
µA
Output Voltage/
DAC Voltage
(internally set)
3
V/V
Bypass Switch
Threshold
DAC Voltage required to enable bypass mode
1.176
1.2
1.224
V
Bypass Switch
Hysteresis
35
mV
Bypass Transition Time
Delay from VDAC = 1.3V to VOUT = 0.90VIN
10
40
µs
Bypass Switch
On-Resistance
VIN = 3.0V, IBYPASS = 100mA
95
150
mΩ
Bypass Switch Leakage
5
µA
Bypass Over-Current
Limit
1
1.4
2.5
A
Current Limit Retry Time
32
µs
Current Limit Retry
Duty Cycle
12.5
%
LDO1/LDO2 [VEN = 0V]
Total Ground Current
(8)
VEN1 = VEN2 = 3.6V
220
µA
Turn-on Time
LDO1 or LDO2; CBYP = 0.1µF
30
100
µs
LDO1 [VEN = 0V]
Variation from nominal VOUT
–1
+1
%
Output Voltage Accuracy
–40°C to +125°C
–2
+2
%
Line Regulation
VIN = VOUT +1V to 5.5V
0.02
0.3
%/V
Load Regulation
(6)
IOUT = 100µA to 200mA
0.2
0.5
%
Dropout Voltage
(7)
IOUT = 50mA; VOUT > 2.8V
IOUT = 150mA; VOUT > 2.8V
IOUT = 200mA; VOUT > 2.8V
20
55
70
120
mV
mV
mV
Ground Pin Current
(8)
IOUT = 0mA; EN2 = GND
190
300
µA
Ripple Rejection
f = up to 1kHz; CBYP = 0.1µF
f = 1kHz – 20kHz; CBYP = 0.1µF
70
45
dB
dB
Current Limit
VOUT = 0V
225
300
700
mA
Output Voltage Noise
CBYP=0.1µF, 10Hz to 100kHz
32
µVRMS
LDO2 [VEN = 0V]
Variation from nominal VOUT
–1
+1
%
Output Voltage Accuracy
–40°C to +125°C
–2
+2
%
Line Regulation
VIN = VOUT +1V to 5.5V
0.02
0.3
%/V
Load Regulation
(6)
IOUT = 100µA to 30mA
0.2
0.5
%
Dropout Voltage
(7)
IOUT = 10mA; VOUT > 2.8V
IOUT = 30mA; VOUT > 2.8V
10
30
70
mV
mV
Ground Pin Current
(8)
IOUT = 0mA; EN1 = GND
190
300
µA
Ripple Rejection
f = up to 1kHz; CBYP = 0.1µF
f = 1kHz – 20kHz; CBYP = 0.1µF
65
40
dB
dB
Current Limit
VOUT = 0V
40
60
150
mA
Output Voltage Noise
CBYP = 0.1µF, 10Hz to 100kHz
32
µVRMS


Similar Part No. - MIC2807-OOYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2807 MICREL-MIC2807 Datasheet
430Kb / 17P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
More results

Similar Description - MIC2807-OOYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2807 MICREL-MIC2807 Datasheet
430Kb / 17P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
MIC2808 MICREL-MIC2808 Datasheet
482Kb / 18P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
MIC2800 MICREL-MIC2800 Datasheet
638Kb / 21P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810_08 Datasheet
514Kb / 18P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800 MICREL-MIC2800_07 Datasheet
511Kb / 20P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2811 MICREL-MIC2811_08 Datasheet
465Kb / 17P
   Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC23060 MICREL-MIC23060 Datasheet
738Kb / 15P
   Sequenced Power Management IC with HyperLight Load??DC/DC and Dual Input LDO?
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com