Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5264 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5264
Description  150mA 關Cap Dual LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5264 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5264 Datasheet HTML 3Page - Micrel Semiconductor MIC5264 Datasheet HTML 4Page - Micrel Semiconductor MIC5264 Datasheet HTML 5Page - Micrel Semiconductor MIC5264 Datasheet HTML 6Page - Micrel Semiconductor MIC5264 Datasheet HTML 7Page - Micrel Semiconductor MIC5264 Datasheet HTML 8Page - Micrel Semiconductor MIC5264 Datasheet HTML 9Page - Micrel Semiconductor MIC5264 Datasheet HTML 10Page - Micrel Semiconductor MIC5264 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel, Inc.
MIC5264
May 2006
10
M9999-052406
(408) 955-1690
MIC5264 Junction-To-Ambient Thermal Resistance
Package
θJA Recommended
Minimum Footprint
θJC
2.5mm x 2.5mm
MLF-10
75°C/W
2°C/W
Thermal Resistance
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit. The junction-to-
ambient thermal resistance for the minimum footprint is
63°C/W. The maximum power dissipation must not be
exceeded for proper operation.
For example, when operating the MIC5264PMYML at an
input voltage of 5.0V at 150mA on VOUT1 and 100mA on
VOUT2 with a minimum footprint layout, the maximum
ambient operating temperature TA can be determined as
follows:
⎟⎟
⎜⎜
°
°
=
C
T
C
W
A
63
125
52
.
0
TA = 92.24°C
Therefore, a 3.0V application at 150mA on Ch1 and 2.8V
at 100mA on Ch2 can accept an ambient operating
temperature of 92°C in a 10-pin 2.5mm x 2.5mm MLF
®
package. For a full discussion of heat sinking and
thermal effects on voltage regulators, refer to the
“Regulator Thermals” section of Micrel’s Designing with
Low-Dropout
Voltage
Regulators
handbook.
This
information can be found on Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5264

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-2.8 MICREL-MIC5264-2.8 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-2.85 MICREL-MIC5264-2.85 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-3.0 MICREL-MIC5264-3.0 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5264-MFYML MICREL-MIC5264-MFYML Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
More results

Similar Description - MIC5264

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com