Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC3002 Datasheet(PDF) 46 Page - Micrel Semiconductor

Part # MIC3002
Description  FOM Management IC with Internal Calibration
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002 Datasheet(HTML) 46 Page - Micrel Semiconductor

Back Button MIC3002_10 Datasheet HTML 42Page - Micrel Semiconductor MIC3002_10 Datasheet HTML 43Page - Micrel Semiconductor MIC3002_10 Datasheet HTML 44Page - Micrel Semiconductor MIC3002_10 Datasheet HTML 45Page - Micrel Semiconductor MIC3002_10 Datasheet HTML 46Page - Micrel Semiconductor MIC3002_10 Datasheet HTML 47Page - Micrel Semiconductor MIC3002_10 Datasheet HTML 48Page - Micrel Semiconductor MIC3002_10 Datasheet HTML 49Page - Micrel Semiconductor MIC3002_10 Datasheet HTML 50Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
46
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
Voltage
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (0V)
(2)
Serial Address
A2h
Byte Address
MSB (VINh): 98 = 62h
LSB (VINl): 99 = 63h
Each LSB of VINh represents 25.6mV. VINh register is to be used in conjunction with VINl to yield a sixteen-bit value. The
values in VINh:VlNl are in an unsigned binary format. The value in this register is uncalibrated. The host should process the
results using the scale factor and offset provided. See the External Calibration section. In the MIC3002, VINl will always return
zero. It is provided for compliance with SFF-8472.
Notes:
1. TEMPh will contain measured temperature data after the completion of one conversion.
2. VINh will contain measured data after one A/D conversion cycle.
Laser Diode Bias Current
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (0mA)
(3)
Serial Address
A2h
Byte Address
MSB (ILDh):100 = 64h
LSB (ILDl):100 = 65h
ILDh is to be used in conjunction with ILDl to yield a sixteen-bit value. The values in ILDh:ILDl are in an unsigned binary format.
The value in this register is uncalibrated. The host should process the results using the scale factor and offset provided. See
the External Calibration sections. In the MIC3002, ILDl will always return zero. It is provided for compliance with SFF-8472.
Transmitted Optical Power
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (0mW)
(5)
Serial Address
A2h
Byte Address
MSB (TXOPh): 102 = 66h
LSB (TXOPl): 103 = 67h
Each LSB of TXOPh represents 25.6
µW. THOPh is to be used in conjunction with TXOPl to yield a sixteen-bit value. The
values in TXOPh:TXOPl are in an unsigned binary format. The value in this register is uncalibrated. The host should process
the results using the scale factor and offset provided. See the External Calibration section. In the MIC3002, this TXOPl will
always return zero. It is provided for compliance with SFF-8472.
Notes:
3. ILDh will contain measured data after one A/D conversion cycle.
4. The scale factor corresponding to the sense resistor used must be set in the configuration register.
5. TXOPh will contain measured data after one A/D conversion cycle.


Similar Part No. - MIC3002_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3002BML MICREL-MIC3002BML Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibr ation
MIC3002BMLTR MICREL-MIC3002BMLTR Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibr ation
MIC3002GML MICREL-MIC3002GML Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibr ation
MIC3002GMLTR MICREL-MIC3002GMLTR Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibr ation
More results

Similar Description - MIC3002_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
   FOM Management IC with Internal Calibration
MIC3001 MICREL-MIC3001_11 Datasheet
1Mb / 76P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
MIC3002 MICREL-MIC3002 Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibr ation
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
   SFP Management IC with Internal Calibration
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
   FOM Management IC
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
CDCE401 TI-CDCE401 Datasheet
311Kb / 19P
[Old version datasheet]   OSCILLATOR IC WITH ELECTRONIC CALIBRATION
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
   internal RC oscillator calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com