Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5330-OGYML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5330-OGYML
Description  Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5330-OGYML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5330-OGYML Datasheet HTML 1Page - Micrel Semiconductor MIC5330-OGYML Datasheet HTML 2Page - Micrel Semiconductor MIC5330-OGYML Datasheet HTML 3Page - Micrel Semiconductor MIC5330-OGYML Datasheet HTML 4Page - Micrel Semiconductor MIC5330-OGYML Datasheet HTML 5Page - Micrel Semiconductor MIC5330-OGYML Datasheet HTML 6Page - Micrel Semiconductor MIC5330-OGYML Datasheet HTML 7Page - Micrel Semiconductor MIC5330-OGYML Datasheet HTML 8Page - Micrel Semiconductor MIC5330-OGYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC5330
Dual 300mA µCap LDO in 2mm x 2mm MLF®
ULDO is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC5330 is a tiny Dual Ultra Low Dropout
(ULDO™) linear regulator ideally suited for portable
electronics due to its high power supply ripple
rejection (PSRR) and ultra low output noise. The
MIC5330 integrates two high performance 300mA
ULDOs into a tiny 2mm x 2mm leadless MLF
®
package, which provides exceptional thermal package
characteristics.
The MIC5330 is a µCap design which enables
operation with very small ceramic output capacitors
for stability, thereby reducing required board space
and component cost. The combination of extremely
low drop out voltage, high power supply rejection and
exceptional thermal package characteristics makes it
ideal for powering RF/noise sensitive circuitry, cellular
phone camera modules, imaging sensors for digital
still cameras, PDAs, MP3 players and WebCam
applications.
The MIC5330 ULDO™ is available in fixed output
voltages in the tiny 8-pin 2mm x 2mm leadless MLF
®
package which occupies less than half the board area
of a single SOT-6 package. Additional voltage options
are available. For more information, contact Micrel
marketing department.
Data sheets and support documentation are found on
the Micrel web site:www.micrel.com.
Features
• 2.3V to 5.5V input voltage range
• Ultra low dropout voltage ULDO™ 75mV @ 300mA
• High PSRR - >70dB @ 1KHz
• Ultra-low output noise: 30µVRMS
• ±2% initial output accuracy
• Tiny 8-pin 2mm x 2mm MLF® leadless package
• Excellent Load/Line transient response
• Fast start up time: 30µs
• 300mA output current per LDO
• Thermal shutdown protection
• Low quiescent current: 75µA per output
• Current limit protection
Applications
• Mobile phones
• PDAs
• GPS receivers
• Portable electronics
• Portable media players
• Digital still and video cameras
Typical Application
RF Power Supply Circuit
March 2011
M9999-032311-D


Similar Part No. - MIC5330-OGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330-OGYML MICREL-MIC5330-OGYML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
More results

Similar Description - MIC5330-OGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
Maxim Integrated Produc...
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
logo
Micrel Semiconductor
MIC5363 MICREL-MIC5363 Datasheet
530Kb / 12P
   High-PSRR, 300mA, 關Cap LDO in 1.2mm 횞 1.2mm Thin MLF짰
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com