Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5321-KDYMT Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5321-KDYMT
Description  Dual, High Performance 150mA 關Cap ULDO?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5321-KDYMT Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5321-KDYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5321-KDYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5321-KDYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5321-KDYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5321-KDYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5321-KDYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5321-KDYMT Datasheet HTML 9Page - Micrel Semiconductor MIC5321-KDYMT Datasheet HTML 10Page - Micrel Semiconductor MIC5321-KDYMT Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Micrel, Inc.
MIC5321
May 2008
7
M9999-051508-E
Typical Characteristics
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
Power Supply
Rejection Ratio
1
FREQUENCY (kHz)
0.1
10
100
1,000
VIN = VOUT +1V
VOUT = 2.8V
COUT = 1µF
CBYP = 0.1µF
50mA
150mA
0
5
10
15
20
25
30
35
40
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VOUT = 2.8V
COUT = 1µF
VIN = VOUT + 1V
EN = VIN
2.50
2.55
2.60
2.65
2.70
2.85
2.90
2.95
3.00
Output Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
2.75
2.80
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
EN = VIN
120
125
130
140
145
150
155
160
20 40 60 80
TEMPERATURE (°C)
Ground Current
vs. Temperature
100µA
VIN = VOUT + 1V
VOUT = 3V
COUT = 1µF
EN = VIN
135
120
125
130
145
150
155
160
Ground Current
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
150mA
VIN = VOUT + 1V
VOUT = 3V
COUT = 1µF
EN = VIN
135
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
23456
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
2.8V
1.5V
2.5
IOUT = 100µA
COUT = 1µF
35
40
45
50
Dropout Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
100µA
10mA
50mA
100mA
150mA
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
5
10
15
20
25
30
0
2.70
2.75
2.80
2.85
2.90
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.8V
COUT1 = COUT2 = 1µF
EN = VIN
1.40
1.45
1.50
1.55
1.60
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
VIN = VOUT + 1V
VOUT = 1.5V
COUT1 = COUT2 = 1µF
EN = VIN
138
142
146
150
154
158
162
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.85V
EN = VIN
COUT1 = COUT2 = 1µF
510
520
530
540
550
560
570
580
590
600
610
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
EN = VIN
COUT = 1µF
0.001
0.01
0.1
1
10
Output Noise
Spectral Density
1
FREQUENCY (kHz)
0.1
0.01
10 100 1,000 10,000
VIN = 3.8V
VOUT = 2.8V
COUT = 1µF
CBYP = 0.01µF


Similar Part No. - MIC5321-KDYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321-KDYMT MICREL-MIC5321-KDYMT Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
logo
Microchip Technology
MIC5321-KDYMT-TR MICROCHIP-MIC5321-KDYMT-TR Datasheet
2Mb / 26P
   High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
Revision A (May 2022)
More results

Similar Description - MIC5321-KDYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
   Single, 150mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com