Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5159 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC5159
Description  Programmable Current Limit 關Cap LDO Regulator Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5159 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC5159_06 Datasheet HTML 15Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 16Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 17Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 18Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 19Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 20Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 21Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 22Page - Micrel Semiconductor MIC5159_06 Datasheet HTML 23Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Micrel, Inc.
MIC5159
June 2006
22
M9999-062706
Schematic K
Input/Output Combination Examples
Input
Output
Maximum Current
3.3V
2.5V
10A
3.3V
1.8V
5A
3.3V
1.5V
4.25A
3.3V
1.25V
3.75A
2.5V
1.8V
11A
2.5V
1.5V
8A
2.5V
1.25V
6A
1.8V
1.5V
7A
1.8V
1.25V
13A
U1 MIC5159BM6/YM6
0
1
2
3
4
5
6
0
2.5
5
7.5
10 12.5 15
OUTPUT CURRENT (A)
Dropout
Max. Power
Dissipation at 60°C TA
Application Circuit
SUB15P01-52 x4 SOA
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
GRM40 X7R 106 6.3
Murata(1)
10µF, 6.3V Ceramic MLCC, Size 0805
1
C2012X5RR0J106M
TDK(2)
10µF, 6.3V Ceramic MLCC, Size 0805
C2, C3
GRM42-2 X5R 226K 6.3
Murata
22µF, 6.3V Ceramic MLCC, Size 1210
2
C3225X5R1A226M
TDK
22µF, 10V Ceramic MLCC, Size 1210
R1
CRCW08051002
Vishay Dale(3)
10kΩ Resistor, Size 0805
1
R2
CRCW08059761
Vishay Dale
Output Voltage:2.5V; 9.76kΩ Resistor, Size 0805(4)
1
CRCW08052152
Vishay Dale
Output Voltage:1.8V; 21.5kΩ Resistor, Size 0805(4)
1
CRCW08054642
Vishay Dale
Output Voltage:1.5V; 46.4kΩ Resistor, Size 0805(4)
1
CRCW08058253
Vishay Dale
Output Voltage:1.25V; 825kΩ Resistor, Size 0805(4)
1
R3
CRCW080549R9 F
Vishay Dale
49.9Ω Resistor, Size 0805
1
Q1, Q2
Q3, Q4
SUB15P01-52
Vishay Siliconix(5)
P-Channel MOSFET TO-263
4
U1
MIC5159BM6/YM6
Micrel, Inc.
(6)
Programmable Current Limit µCap LDO Regulator
1
Notes:
1. Murata Tel: 949-916-4000
2. TDK Tel: 1-888-835-6646
3. Vishay Dale Tel: 402-563-6866
4. To calculate other output voltage values:
1
1.235
OUT
V
R1
R2
=
5. Vishay Siliconix Tel: 402-563-6866
6. Micrel, Inc. Tel: 408-944-0800


Similar Part No. - MIC5159_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5159-1.8BM6 MICREL-MIC5159-1.8BM6 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5159-3.0BM6 MICREL-MIC5159-3.0BM6 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5159BM6 MICREL-MIC5159BM6 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
More results

Similar Description - MIC5159_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com