Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5211-3.6BM6 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5211-3.6BM6
Description  Dual 關Cap 80mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5211-3.6BM6 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5211-3.6BM6 Datasheet HTML 1Page - Micrel Semiconductor MIC5211-3.6BM6 Datasheet HTML 2Page - Micrel Semiconductor MIC5211-3.6BM6 Datasheet HTML 3Page - Micrel Semiconductor MIC5211-3.6BM6 Datasheet HTML 4Page - Micrel Semiconductor MIC5211-3.6BM6 Datasheet HTML 5Page - Micrel Semiconductor MIC5211-3.6BM6 Datasheet HTML 6Page - Micrel Semiconductor MIC5211-3.6BM6 Datasheet HTML 7Page - Micrel Semiconductor MIC5211-3.6BM6 Datasheet HTML 8Page - Micrel Semiconductor MIC5211-3.6BM6 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2006
1
MIC5211
MIC5211
Micrel, Inc.
General Description
The MIC5211 is a dual µCap 80mA linear voltage regulator
with very low dropout voltage (typically 20mV at light loads),
very low ground current (225µA at 20mA output current),
and better than 3% initial accuracy. This dual device comes
in the miniature SOT-23-6 package, featuring independent
logic control inputs.
TheµCapregulatordesignisoptimizedtoworkwithlow-value,
low-cost ceramic capacitors. The outputs typically require
only 0.1µF of output capacitance for stability.
Designed especially for hand-held, battery-powered devices,
ground current is minimized using Micrel’s proprietary Super
ßetaPNP™technologytoprolongbatterylife.Whendisabled,
power consumption drops nearly to zero.
Key features include SOT-23-6 packaging, current limiting,
overtemperature shutdown, and protection against reversed
battery conditions.
The MIC5211 is available in dual 1.8V, 2.5V, 2.7V, 2.8V, 3.0V,
3.3V, 3.6V, and 5.0V versions. Certain mixed voltages are
also available. Contact Micrel for other voltages.
Typical Application
1
6
2
3
4
0.1µF
0.1µF
Enable
Shutdown
EnableB
VOUTA
MIC5211
VIN
5
Enable
Shutdown
EnableA
VOUTB
Features
• Stable with low-value ceramic or tantalum capacitors
• Independent logic controls
• Low quiescent current
• Low dropout voltage
• Mixed voltages available
• Tight load and line regulation
• Low temperature coefficient
• Current and thermal limiting
• Reversed input polarity protection
• Zero off-mode current
• Dual regulator in tiny SOT-23 package
• 2.5V to 16V input range
Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery-powered equipment
• Bar code scanners
• SMPS post regulator/dc-to-dc modules
• High-efficiency linear power supplies
MIC5211
Dual µCap 80mA LDO Regulator
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC5211-3.6BM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5211-3.6BM6 MICREL-MIC5211-3.6BM6 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
More results

Similar Description - MIC5211-3.6BM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
Microchip Technology
MIC5203 MICROCHIP-MIC5203 Datasheet
1Mb / 20P
   關Cap 80 mA LDO Regulator
09/14/21
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com