Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5209-3.0BS Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5209-3.0BS
Description  500mA Low-Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5209-3.0BS Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5209-3.0BS Datasheet HTML 5Page - Micrel Semiconductor MIC5209-3.0BS Datasheet HTML 6Page - Micrel Semiconductor MIC5209-3.0BS Datasheet HTML 7Page - Micrel Semiconductor MIC5209-3.0BS Datasheet HTML 8Page - Micrel Semiconductor MIC5209-3.0BS Datasheet HTML 9Page - Micrel Semiconductor MIC5209-3.0BS Datasheet HTML 10Page - Micrel Semiconductor MIC5209-3.0BS Datasheet HTML 11Page - Micrel Semiconductor MIC5209-3.0BS Datasheet HTML 12Page - Micrel Semiconductor MIC5209-3.0BS Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
June 2006
11
M9999-060906
MIC5209
Micrel, Inc.
Considering worst case tolerances, the power dissipation
could be as high as:
(VIN(max) – VOUT(max)) × IOUT + VIN(max) × IGND
[(3.6V – 2.375V) × 320mA] + (3.6V × 4mA)
PD = 407mW
Using the maximum junction temperature of 125°C and a θJC
of 8°C/W for the SOT-223, 25°C/W for the SO-8, or 2°C/W
for the TO-263 package, the following worst-case heat-sink
thermal resistance (θSA) requirements are:
θJA
J(max)
A
D
TJ(max
J(max
TAA
PDD
=
θSA = θ
SA
SA
JA = θ
JA
JA
JC
TA
TT
40°C
50°C
60°C
75°C
A
A
θJA (limit)
209°C/W
184°C/W 160°C/W 123°C/W
θSA SOT-223 201°C/W 176°C/W 152°C/W 115°C/W
SA
SA
θSA SO-8
184°C/W
159°C/W 135°C/W
98°C/W
SA
SA
θSA TO-263-5 207°C/W 182°C/W 158°C/W 121°C/W
SA
SA
Table 2. Maximum Allowable Thermal Resistance
Table 2 and Figure 6 show that the Slot-1 power supply ap-
plication can be implemented with a minimum footprint layout.
T
40°C
50°C
60°C
75°C
(limit)
209°C/W
184°C/W 160°C/W 123°C/W
SOT-223
201°C/W
176°C/W 152°C/W 115°C/W
SO-8
184°C/W
159°C/W 135°C/W
98°C/W
TO-263-5 207°C/W
182°C/W 158°C/W 121°C/W
Figure 6 shows the necessary copper pad area to obtain
specific heat sink thermal resistance (θSA) values. The θSA
values in Table 2 require much less than 500mm2 of copper,
according to Figure 6, and can easily be accomplished with
the minimum footprint.
0
10
20
30
40
50
60
70
0
2000
4000
6000
COPPER HEAT SINK AREA (mm2
COPPER HEAT SINK AREA (mm
COPPER HEAT SINK AREA (mm )
Figure 6. PCB Heat Sink Thermal Resistance


Similar Part No. - MIC5209-3.0BS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209-3.0BS MICREL-MIC5209-3.0BS Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
MIC5209-3.0BS MICREL-MIC5209-3.0BS Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results

Similar Description - MIC5209-3.0BS

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com