Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5209-2.5BS Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5209-2.5BS
Description  500mA Low-Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5209-2.5BS Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5209-2.5BS Datasheet HTML 5Page - Micrel Semiconductor MIC5209-2.5BS Datasheet HTML 6Page - Micrel Semiconductor MIC5209-2.5BS Datasheet HTML 7Page - Micrel Semiconductor MIC5209-2.5BS Datasheet HTML 8Page - Micrel Semiconductor MIC5209-2.5BS Datasheet HTML 9Page - Micrel Semiconductor MIC5209-2.5BS Datasheet HTML 10Page - Micrel Semiconductor MIC5209-2.5BS Datasheet HTML 11Page - Micrel Semiconductor MIC5209-2.5BS Datasheet HTML 12Page - Micrel Semiconductor MIC5209-2.5BS Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MIC5209
Micrel, Inc.
M9999-060906
10
June 2006
Fixed Regulator Circuits
MIC5209-x.xBM
IIN
N
OUT
OUT
GND
1µF
VIN
VOUT
EN
BYP
1
2
5–8
3
4
Figure 1. Low-Noise Fixed Voltage Regulator
Figure 1 shows a basic MIC5209-x.xBM (SO-8) fixed-voltage
regulator circuit. See Figure 5 for a similar configuration us-
ing the more thermally-efficient MIC5209-x.xBS (SOT-223).
A 1µF minimum output capacitor is required for basic fixed-
voltage applications.
MIC5209-x.xBM
IIN
N
OUT
OUT
GND
470pF
VIN
EEN
N
BYP
BYP
1
2
5–8
3
4
2.2µF
VOUT
Figure 2. Ultra-Low-Noise Fixed Voltage Regulator
Figure 2 includes the optional 470pF noise bypass capacitor
between BYP and GND to reduce output noise. Note that the
minimum value of COUT must be increased when the bypass
capacitor is used.
Adjustable Regulator Circuits
MIC5209BM
IIN
N
OUT
OUT
GND
VIN
EEN
N
ADJ
ADJ
1
2
5–8
3
4
1µF
VOUT
R1
R2
Figure 3. Low-Noise Adjustable Voltage Regulator
The MIC5209BM/U can be adjusted to a specific output volt-
age by using two external resistors (Figure 3). The resistors
set the output voltage based on the equation:
V
= 1.242V
+ R2
R1
OUT
V
V
1






This equation is correct due to the configuration of the
bandgap reference. The bandgap voltage is relative to the
output, as seen in the block diagram. Traditional regula-
tors normally have the reference voltage relative to ground;
therefore, their equations are different from the equation for
the MIC5209BM/U.
AlthoughADJisahigh-impedanceinput,forbestperformance,
R2 should not exceed 470kΩ.
MIC5209BM
IN
OUT
GND
VIN
EN
ADJ
1
2
5–8
3
4
2.2µF
VOUT
R1
R2
470pF
Figure 4. Ultra-Low-Noise Adjustable Application.
Figure 4 includes the optional 470pF bypass capacitor from
ADJ to GND to reduce output noise.
Slot-1 Power Supply
Intel’s Pentium II processors have a requirement for a 2.5V
±5% power supply for a clock synthesizer and its associated
loads. The current requirement for the 2.5V supply is depen-
dant upon the clock synthesizer used, the number of clock
outputs, and the type of level shifter (from core logic levels to
2.5V levels). Intel estimates a worst-case load of 320mA.
The MIC5209 was designed to provide the 2.5V power
requirement for Slot-1 applications. Its guaranteed perfor-
mance of 2.5V ±3% at 500mA allows adequate margin for
all systems, and its dropout voltage of 500mV means that it
operates from a worst-case 3.3V supply where the voltage
can be as low as 3.0V.
MIC5209-x.xBS
IIN
N
OUT
OUT
GND
COUT
22µF
VIN
VOUT
1
2,TAB
3
CIN
0.1µF
Figure 5. Slot-1 Power Supply
A Slot-1 power supply (Figure 5) is easy to implement. Only
two capacitors are necessary, and their values are not criti-
cal. CIN bypasses the internal circuitry and should be at least
0.1µF. COUT provides output filtering, improves transient
response, and compensates the internal regulator control
loop. Its value should be at least 22µF. CIN and COUT may
be increased as much as desired.
Slot-1 Power Supply Power Dissipation
Powered from a 3.3V supply, the Slot-1 power supply of
Figure 5 has a nominal efficiency of 75%. At the maximum
anticipated Slot 1 load (320mA), the nominal power dissipa-
tion is only 256mW.
The SOT-223 package has sufficient thermal characteristics
for wide design margins when mounted on a single layer
copper-clad printed circuit board. The power dissipation of
the MIC5209 is calculated using the voltage drop across the
device × output current plus supply voltage × ground current.


Similar Part No. - MIC5209-2.5BS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209-2.5BS MICREL-MIC5209-2.5BS Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
MIC5209-2.5BS MICREL-MIC5209-2.5BS Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results

Similar Description - MIC5209-2.5BS

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com