Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5253-3.0BC5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5253-3.0BC5
Description  100mA Low Noise 關Cap Teeny??LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5253-3.0BC5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5253-3.0BC5 Datasheet HTML 1Page - Micrel Semiconductor MIC5253-3.0BC5 Datasheet HTML 2Page - Micrel Semiconductor MIC5253-3.0BC5 Datasheet HTML 3Page - Micrel Semiconductor MIC5253-3.0BC5 Datasheet HTML 4Page - Micrel Semiconductor MIC5253-3.0BC5 Datasheet HTML 5Page - Micrel Semiconductor MIC5253-3.0BC5 Datasheet HTML 6Page - Micrel Semiconductor MIC5253-3.0BC5 Datasheet HTML 7Page - Micrel Semiconductor MIC5253-3.0BC5 Datasheet HTML 8Page - Micrel Semiconductor MIC5253-3.0BC5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MIC5253
Micrel
Electrical Characteristics(5)
V
IN = VOUT + 1V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
I
OUT = 100µA
–1.5
1.5
%
–33
%
∆V
LNR
Line Regulation
V
IN = VOUT + 1V to 6V
0.035
0.05
%/V
∆V
LDR
Load Regulation
I
OUT = 0.1mA to 100mA, Note 6
1.5
2.5
%
V
IN – VOUT
Dropout Voltage(7)
I
OUT = 50mA
80
150
mV
I
OUT = 100mA
165
300
mV
I
Q
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.2
1
µA
I
GND
Ground Pin Current(8)
I
OUT = 0mA
75
100
µA
I
OUT = 100mA
90
150
µA
PSRR
Ripple Rejection
f = 100Hz, C
OUT = 1.0µF, CBYP = 0.1µF66
dB
f = 1kHz, V
IN = VOUT +1, CBYP = 0.1µF70
dB
f = 10kHz, V
IN = VOUT +1, CBYP = 0.1µF65
dB
t
ON
Turn-On Time
30
150
µs
I
LIM
Current Limit
V
OUT = 0V
150
250
450
mA
e
n
Output Voltage Noise
C
OUT = 1.0µF, CBYP = 0.01µF,
30
µV(rms)
f = 10Hz to 100kHz
Enable Input
V
IL
Enable Input Logic-Low Voltage
V
IN = 2.7V to 5.5V, regulator shutdown
0.4
V
V
IH
Enable Input Logic-High Voltage
V
IN = 2.7V to 5.5V, regulator enabled
1.6
V
I
EN
Enable Input Current
V
IL ≤ 0.4V, regulator shutdown
0.01
µA
V
IH ≥ 1.6V, regulator enabled
0.01
µA
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
The maximum allowable power dissipation of any T
A (ambient temperature) is PD(max) = (TJ(max)–TA)/θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The
θ
JA of the MIC5253-x.xBC5 (all versions) is
400
°C/W on a PC board (see ”Thermal Considerations” section for further details).
4.
Devices are ESD sensitive. Handling precautions recommended.
5.
Specification for packaged product only.
6.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range from
0.1mA to 100mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
7.
Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
For outputs below 2.7V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.7V. Minimum input operating voltage
is 2.7V.
8.
Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin current.
Absolute Maximum Ratings(1)
Supply Input Voltage (V
IN) .................................. 0V to +7V
Enable Input Voltage (V
EN) ................................. 0V to +7V
Power Dissipation (P
D) ........................ Internally Limited
(3)
Junction Temperature (T
J) ....................... –40°C to +125°C
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD Rating(4) ................................................................................ 2kV
Operating Ratings(2)
Input Voltage (V
IN) ...................................... +2.7V to +5.5V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance
SC-70-5
JA) .................................................... 400°C/W
M9999-112305
November 2005
3


Similar Part No. - MIC5253-3.0BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5253-3.0BC5 MICREL-MIC5253-3.0BC5 Datasheet
78Kb / 9P
   100mA Low Noise UCap Teeny LDO
More results

Similar Description - MIC5253-3.0BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5253 MICREL-MIC5253 Datasheet
78Kb / 9P
   100mA Low Noise UCap Teeny LDO
MIC5213 MICREL-MIC5213_04 Datasheet
56Kb / 8P
   Teeny SC-70 關Cap Low-Dropout Regulator
MIC2215 MICREL-MIC2215_07 Datasheet
838Kb / 11P
   Triple High PSRR, Low Noise 關Cap LDO
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215 Datasheet
528Kb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
05/14/19
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
09/14/21
logo
Micrel Semiconductor
MIC5259 MICREL-MIC5259_06 Datasheet
1Mb / 11P
   300mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5213 MICREL-MIC5213 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
logo
Microchip Technology
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
   150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
logo
Micrel Semiconductor
MIC5255 MICREL-MIC5255_06 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com