Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5235-2.5BM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5235-2.5BM5
Description  Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5235-2.5BM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5235-2.5BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5235-2.5BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5235-2.5BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5235-2.5BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5235-2.5BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5235-2.5BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5235-2.5BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5235-2.5BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5235-2.5BM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC5235
Ultra-Low Quiescent Current, 150mA
µ
Cap LDO Regulator
General Description
The MIC5235 is a 150mA highly accurate, low dropout
regulator with high input voltage and ultra-low ground
current. This combination of high voltage and low ground
current makes the MIC5235 ideal for USB and portable
electronics applications, using 1-cell, 2-cell or 3-cell Li-Ion
battery inputs.
A µCap LDO design, the MIC5235 is stable with either
ceramic or tantalum output capacitor. It only requires a
2.2µF capacitor for stability.
Features of the MIC5235 includes enable input, thermal
shutdown, current limit, reverse battery protection, and
reverse leakage protection.
Available in fixed and adjustable output voltage versions,
the MIC5235 is offered in the IttyBitty
® SOT-23-5 package
with a junction temperature range of –40°C to +125°C.
Features
• Wide input voltage range: 2.3V to 24V
• Ultra low ground current: 18µA
• Low dropout voltage: 310mV at 150mA
• High output accuracy: ±2.0% over temperature
• µCap: stable with ceramic or tantalum capacitors
• Excellent line and load regulation specifications
• Zero shutdown current
• Reverse battery protection
• Reverse leakage protection
• Thermal shutdown and current limit protection
• IttyBitty® SOT-23-5 package
• Adjustable output from 1.24V-20V
Applications
• USB power supply
• Cellular phones
• Keep-alive supply in notebook and portable computers
• Logic supply for high-voltage batteries
• Automotive electronics
• Battery powered systems
Typical Application
15
2
34
COUT=2.2µF
ceramic
IGND=18µA
CIN=1.0µF
EN
MIC5235BM5
VIN
VOUT=1.8V
R1
R2
10
15
20
25
30
35
40
49
14
19
24
INPUT VOLTAGE (V)
I
OUT =10µA
I
OUT = 1mA
I
OUT = 100 µA
Ultra-Low Current Adjustable Regulator Application
Ground Current vs. Input Voltage
IttyBitty is a registered trademark of Micrel, Inc
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2008
M9999-051508


Similar Part No. - MIC5235-2.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235-2.5BM5 MICREL-MIC5235-2.5BM5 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
More results

Similar Description - MIC5235-2.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com