Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5249 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5249
Description  300mA 關Cap LDO with Programmable Power-On Reset Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5249 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5249_12 Datasheet HTML 1Page - Micrel Semiconductor MIC5249_12 Datasheet HTML 2Page - Micrel Semiconductor MIC5249_12 Datasheet HTML 3Page - Micrel Semiconductor MIC5249_12 Datasheet HTML 4Page - Micrel Semiconductor MIC5249_12 Datasheet HTML 5Page - Micrel Semiconductor MIC5249_12 Datasheet HTML 6Page - Micrel Semiconductor MIC5249_12 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Micrel, Inc.
MIC5249
March 2012
3
M9999-030812
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)............................................. 0V to +7V
Enable Voltage (VEN)............................................ 0V to +7V
Power Dissipation (PD)........................... Internally Limited
(3)
Junction Temperature (TJ) ........................–40°C to +125°C
Lead Temperature (soldering, 5sec.)......................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4)................................................. ESD Sensitive
Operating Ratings
(2)
Supply voltage (VIN) ........................................ +2.7V to +6V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
MSOP (θJA)......................................................160°C/W
Electrical Characteristics
VIN = VOUT + 1V; COUT = 2.2µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Output Voltage Accuracy
Variation from nominal VOUT
–1.0
–3.0
+1.0
+3.0
%
Line Regulation
VIN = VOUT +1V to 6V
–0.3
0.02
+0.3
%/V
Load Regulation
IOUT = 0.1mA to 300mA
1.5
3.0
%
IOUT = 100µA
1
IOUT = 150mA
160
225
275
Dropout Voltage
IOUT = 300mA
340
500
600
mV
IOUT = 0mA
85
150
Ground Pin Current
IOUT = 300mA
100
200
µA
Ground Pin Current in Shutdown
VEN < 0.4V (Regulator OFF)
0.35
1
µA
Ripple Rejection
f = 120Hz, COUT = 2.2µF
65
dB
Current Limit
VOUT = 0V
300
440
mA
Enable Input
Logic low (regulator shutdown)
0.4
Enable Input Voltage
Logic high (regulator enabled)
1.6
V
VIL < 0.4V (regulator shutdown)
0.01
Enable Input Current
VIH > 1.6V (regulator enabled)
0.01
µA
Delay Input
Delay Pin Current Source
0.55
1
µA
Delay Pin Threshold Voltage
Threshold for RESET = Logic high
1.40
V
RESET Output
Low threshold, % of VOUT (Flag ON)
89
91
VTH
High threshold, % of VOUT (Flag OFF)
93
96
%
VOL
RESET output logic – low voltage; IRESET = 100µA output
in fault condition
0.020
0.1
V
IRESET
Flag leakage current, Flag OFF
0.01
µA
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.


Similar Part No. - MIC5249_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5249-1.8BMM MICREL-MIC5249-1.8BMM Datasheet
40Kb / 7P
   300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
More results

Similar Description - MIC5249_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5249 MICREL-MIC5249 Datasheet
40Kb / 7P
   300MA UCAP LDO WITH PROGRAMMABLE POWER ON RESET DELAY
MIC2212 MICREL-MIC2212_06 Datasheet
855Kb / 10P
   Dual 關Cap LDO and Power-On Reset
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307_07 Datasheet
206Kb / 9P
   300mA Micropower 關Cap Baseband LDO
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Micrel Semiconductor
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
MAQ5300 MICREL-MAQ5300 Datasheet
460Kb / 14P
   Automotive Qualified Single Output 300mA 關Cap LDO
logo
Diodes Incorporated
PT7M3808 DIODES-PT7M3808 Datasheet
461Kb / 10P
   Power-On Reset Generator with Adjustable Delay
Sept 2017
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com