Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5252-1.8BM5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5252-1.8BM5
Description  150mA High PSRR, Low Noise 關Cap CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5252-1.8BM5 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5252-1.8BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5252-1.8BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5252-1.8BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5252-1.8BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5252-1.8BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5252-1.8BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5252-1.8BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5252-1.8BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5252-1.8BM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MIC5252
Micrel, Inc.
M9999-020305
6
February 2005
EnablePin Delay
TIME (10
µs/div)
VOUT = 2.85V
VIN = 3.6V
COUT = 1µF Ceramic
100
µA
150mA
Load Transient Response
TIME (40
µs/div)
50mALoad
Line Transient Response
TIME (10
µs/div)
3.3V
5V
Functional Characteristics


Similar Part No. - MIC5252-1.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252-1.8BM5 MICREL-MIC5252-1.8BM5 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
More results

Similar Description - MIC5252-1.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5259 MICREL-MIC5259_06 Datasheet
1Mb / 11P
   300mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5255 MICREL-MIC5255_06 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
logo
Microchip Technology
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
   150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
09/14/21
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215_07 Datasheet
838Kb / 11P
   Triple High PSRR, Low Noise 關Cap LDO
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215 Datasheet
528Kb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
05/14/19
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com