Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MIC5281YMM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. MIC5281YMM
Description  120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

MIC5281YMM Datasheet(HTML) 3 Page - Micrel Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Micrel, Inc.
MIC5281
June 2011
3
M9999-062411-A
Pin Description
Pin
MIC5281YMME
MIC5281-x.xYMME
MIC5281YMM
MIC5281-x.xYMM
Name
Function
1
1
1
1
VIN
Supply Voltage Input. Connect 1µF
capacitor from VIN to GND.
2, 3, 7
2, 3, 7
2, 3, 7
2, 3, 7
NC
Not internally connected. Connect
NC to GND or leave unconnected.
4
4
4
4
CPSRR
Bypass Capacitor Connection.
Connect 0.1µF capacitor from
CPSRR to GND.
5
5
5
5
GND
Ground.
6
6
FB
Feedback Connection. For external
resistor divider to set VOUT.
6
6
SNS
Sense input. Connect SNS to
VOUT.
8
8
8
8
VOUT
Regulator Output. Connect 10µF
capacitor from VOUT to GND.
EP
EP
EP
Exposed Pad (ePad) for Thermal
Relief. Connect EP to GND.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn