Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC5281YMM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. MIC5281YMM
Description  120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5281YMM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5281YMM Datasheet HTML 2Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 3Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 4Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 5Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 6Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 7Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 8Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 9Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Micrel, Inc.
MIC5281
Typical Characteristics
Output Voltage
vs. Input Voltage
4.90
4.95
5.00
5.05
5.10
5.15
Quiescent Supply Current
vs. Input Voltage
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
Quiescent Supply Current
vs. Temperature
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
June 2011
6
M9999-062411-A
0.0
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VOUT = 5V
IOUT = 0
0.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 5V
IOUT = 0mA
4.85
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VIN = 12V
VOUT = 5V
IOUT = 5mA
Output Voltage
vs. Output Current
4.75
0
5
10
15
20
25
OUTPUT CURRENT (mA)
Output Voltage
vs. Temperature
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Dropout Voltage
vs. Output Current
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0
5
10
15
20
25
OUTPUT CURRENT (mA)
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
VIN = 12V
VOUT = 5V
VIN = 12V
VOUT = 5V
IOUT = 5mA
VOUT = 5V
ADJUSTABLE OPTION
Dropout Voltage
vs. Temperature
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VOUT = 5V
IOUT = 25mA
FB Voltage
vs. Input Voltage
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.30
1.31
0
2040
6080
100
120
INPUT VOLTAGE (V)
VOUT = 5V
IOUT = 5mA
FB Current
vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VOUT = 5V
VFB = 1.267V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn