Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5281YMM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5281YMM
Description  120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5281YMM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5281YMM Datasheet HTML 1Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 2Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 3Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 4Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 5Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 6Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 7Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 8Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Micrel, Inc.
MIC5281
June 2011
5
M9999-062411-A
Electrical Characteristics
(5) (Continued)
VIN = 12V, CIN = 1.0µF, CPSRR = 0.1µF, COUT = 10µF, VOUT = 5.0V or 3.3V, IOUT = 100µA, TA = 25°C, bold values indicate
–40
°C ≤ T
J ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Dropout Voltage
Dropout Voltage
IOUT = 25mA
2
3
V
Thermal Protection
Thermal-Shutdown Temperature
TJ rising
157
°C
Thermal-Shutdown Hysteresis
15
°C


Similar Part No. - MIC5281YMM

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MIC5281YMME-EV APEX-MIC5281YMME-EV Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - MIC5281YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5280 MICREL-MIC5280 Datasheet
259Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
MAQ5280 MICREL-MAQ5280 Datasheet
339Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com