Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5268 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5268
Description  150mA 關Cap CMOS LDO Regulator w/Power Good
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5268 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5268 Datasheet HTML 1Page - Micrel Semiconductor MIC5268 Datasheet HTML 2Page - Micrel Semiconductor MIC5268 Datasheet HTML 3Page - Micrel Semiconductor MIC5268 Datasheet HTML 4Page - Micrel Semiconductor MIC5268 Datasheet HTML 5Page - Micrel Semiconductor MIC5268 Datasheet HTML 6Page - Micrel Semiconductor MIC5268 Datasheet HTML 7Page - Micrel Semiconductor MIC5268 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel, Inc.
MIC5268
September 2006
2
M9999-091506
Pin Configuration
MIC5268-x.x-BM5/YM5
5-Pin SOT-23 (M5)
Pin Description
Pin Number
Pin Name
Pin Function
1
IN
Supply Input
2
GND
Ground
3
EN
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable;
logic low = shutdown. Do not leave open.
4
PG
Power Good Output
5
OUT
Regulator Output


Similar Part No. - MIC5268

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5268-1.2BM5 MICREL-MIC5268-1.2BM5 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
More results

Similar Description - MIC5268

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248_06 Datasheet
258Kb / 10P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com