Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5254 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5254
Description  Dual 150mA 關Cap LDO with Error Flag Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5254 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5254_07 Datasheet HTML 1Page - Micrel Semiconductor MIC5254_07 Datasheet HTML 2Page - Micrel Semiconductor MIC5254_07 Datasheet HTML 3Page - Micrel Semiconductor MIC5254_07 Datasheet HTML 4Page - Micrel Semiconductor MIC5254_07 Datasheet HTML 5Page - Micrel Semiconductor MIC5254_07 Datasheet HTML 6Page - Micrel Semiconductor MIC5254_07 Datasheet HTML 7Page - Micrel Semiconductor MIC5254_07 Datasheet HTML 8Page - Micrel Semiconductor MIC5254_07 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5254
Dual 150mA µCap LDO
with Error Flag Outputs
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
December 2007
M9999-121107
General Description
The MIC5254 is an efficient, precise, dual CMOS voltage
regulator. It offers better than 1% initial accuracy,
extremely low dropout voltage (typically 135mV at 150mA)
and low ground current (typically 90µA) over load. The
MIC5254 features two independent LDOs with error flags
that indicate an output fault condition such as overcurrent,
thermal shut-down and dropout.
Designed specifically for handheld and battery-powered
devices, the MIC5254 provides a TTL-logic-compatible
enable pin. When disabled, power consumption drops
nearly to zero.
The MIC5254 also works with low-ESR ceramic
capacitors, reducing the amount of board space necessary
for power applications, critical in handheld wireless
devices.
Key features include current limit, thermal shutdown, faster
transient response, and an active clamp to speed up
device turnoff. The MIC5254 is available in the 10-pin
MSOP package and is rated over a –40°C to +125°C
junction temperature range.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Input voltage range: 2.7V to 6.0V
• Dual, independent 150mA LDOs
• Error flags indicate fault condition
• Stable with ceramic output capacitor
• Ultra-low dropout: 135mV @ 150mA
• High output accuracy: 1.0% initial accuracy 2.0% over
temperature
• Low quiescent current: 90µA each LDO
• Tight load and line regulation
• Thermal shutdown and current limit protection
• “Zero” off-mode current
• TTL logic-controlled enable input
• 10-pin MSOP package
Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• Consumer/personal electronics
___________________________________________________________________________________________________________
Typical Application
MIC5254
VINA
VINA
ENA
GNDA
ENB
OUTA
FLGA
OUTB
FLGB
GNDB
VINA
VINB
VOUTA
VOUTB
1µF
1µF
1µF
Ceramic
1µF
Ceramic
FLGA
FLGB
9
2
3
6
5
10
1
8
4
7
Dual Output LDO with Error Flag


Similar Part No. - MIC5254_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5254-SJBMM MICREL-MIC5254-SJBMM Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
More results

Similar Description - MIC5254_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5256 MICREL-MIC5256_10 Datasheet
566Kb / 13P
   150mA 關Cap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com