Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5281-3.3YMME Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5281-3.3YMME
Description  120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5281-3.3YMME Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5281-3.3YMME Datasheet HTML 1Page - Micrel Semiconductor MIC5281-3.3YMME Datasheet HTML 2Page - Micrel Semiconductor MIC5281-3.3YMME Datasheet HTML 3Page - Micrel Semiconductor MIC5281-3.3YMME Datasheet HTML 4Page - Micrel Semiconductor MIC5281-3.3YMME Datasheet HTML 5Page - Micrel Semiconductor MIC5281-3.3YMME Datasheet HTML 6Page - Micrel Semiconductor MIC5281-3.3YMME Datasheet HTML 7Page - Micrel Semiconductor MIC5281-3.3YMME Datasheet HTML 8Page - Micrel Semiconductor MIC5281-3.3YMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Micrel, Inc.
MIC5281
June 2011
4
M9999-062411-A
Absolute Maximum Ratings
(1)
VIN to GND................................................... –0.3V to +125V
VCPSRR to GND..................................................–0.3 to +14V
VFB, VSNS, VOUT to GND ................................... –0.3V to +6V
Lead Temperature (soldering, 10s).......................... +260°C
Junction Temperature ......................... –40°C TJ +125°C
Storage Temperature .........................–65°C TA +150°C
ESD Ratings
(4)
HBM ......................................................................... 2kV
MM .........................................................................200V
Operating Ratings
(2)
VIN ................................................................. +6V to +120V
VOUT Adjust Range ..................................... +1.27V to +5.5V
Junction Temperature ......................... –40°C TJ +125°C
Power Dissipation (PD)........................... Internally Limited
(3)
Junction Thermal Resistance (
θ
JA)
8-pin ePad MSOP..............................................64°C/W
8-pin MSOP .....................................................160°C/W
Electrical Characteristics
(5)
VIN = 12V, CIN = 1.0µF, CPSRR = 0.1µF, COUT = 10µF, VOUT = 5.0V or 3.3V, IOUT = 100µA, TA = 25°C, bold values indicate
–40
°C ≤ T
J ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range
(6)
6
120
V
Quiescent Supply Current
IOUT = 0
6
11
µA
Output Voltage
Adjustable
1.27
5.5
3.2
3.3
3.4
Fixed 3.3V
3.13
3.3
3.47
4.85
5.0
5.15
Output Voltage
Fixed 5.0V
4.75
5.0
5.25
V
−3
+3
%
Output Voltage Accuracy
Variation from nominal VOUT
−5
+5
%
Load Regulation
IOUT = 100µA to 25mA
−0.5
0.2
+0.5
%
Line Regulation
(7)
VIN = 10V to 120V
−0.5
0.04
+0.5
%/V
Feedback Input (Adjustable)
1.232
1.270
1.308
FB Voltage
1.206
1.270
1.333
V
FB Current
VFB = 1.27V
3.2
nA
Current Limit
Current Limit
VOUT = 0V
30
65
130
mA
Ripple Rejection
Power Supply Rejection Ratio
f = 20kHz to 2MHz
>90
dB
Notes:
1.
Exceeding an absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation at any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation results in excessive die temperature, and causes the regulator to enter thermal shutdown.
4.
Devices are ESD sensitive; use proper handling precautions.
5.
Specifications are for packaged products only.
6.
Assure that VIN ≥ (VOUT + 3V) and VIN ≥ 6V.
7.
Line regulation is a percentage of VOUT.


Similar Part No. - MIC5281-3.3YMME

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MIC5281YMME-EV APEX-MIC5281YMME-EV Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - MIC5281-3.3YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5280 MICREL-MIC5280 Datasheet
259Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
MAQ5280 MICREL-MAQ5280 Datasheet
339Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com