Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5335-2.7/2.7YMT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5335-2.7/2.7YMT
Description  Dual, High Performance 300mA 關Cap ULDO?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5335-2.7/2.7YMT Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5335-2.7/2.7YMT Datasheet HTML 2Page - Micrel Semiconductor MIC5335-2.7/2.7YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5335-2.7/2.7YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5335-2.7/2.7YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5335-2.7/2.7YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5335-2.7/2.7YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5335-2.7/2.7YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5335-2.7/2.7YMT Datasheet HTML 9Page - Micrel Semiconductor MIC5335-2.7/2.7YMT Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Micrel, Inc.
MIC5335
May 2008
9
M9999-051508
TA=86°C
Therefore, a 2.8V/2.5V application with 300mA at
each output current can accept an ambient operating
temperature of 86°C in a 1.6mm x 1.6mm Thin MLF
®
package. For a full discussion of heat sinking and
thermal effects on voltage regulators, refer to the
“Regulator Thermals” subsection of Micrel’s Designing
with Low-Dropout Voltage Regulators
handbook. This
information can be found on Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5335-2.7/2.7YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5335-2.7/2.7YMT MICREL-MIC5335-2.7/2.7YMT Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
More results

Similar Description - MIC5335-2.7/2.7YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com