Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5365-2.5YMT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5365-2.5YMT
Description  High Performance Single 150mA LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5365-2.5YMT Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5365-2.5YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5365-2.5YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5365-2.5YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5365-2.5YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5365-2.5YMT Datasheet HTML 9Page - Micrel Semiconductor MIC5365-2.5YMT Datasheet HTML 10Page - Micrel Semiconductor MIC5365-2.5YMT Datasheet HTML 11Page - Micrel Semiconductor MIC5365-2.5YMT Datasheet HTML 12Page - Micrel Semiconductor MIC5365-2.5YMT Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Micrel, Inc.
MIC5365/6
September 2009
9
M9999-090109-C
Application Information
MIC5365 and MIC5366 are Low noise 150mA LDOs.
The MIC5366 includes an auto-discharge circuit that is
switched on when the regulator is disabled through the
Enable pin. The MIC5365/6 regulator is fully protected
from damage due to fault conditions, offering linear
current limiting and thermal shutdown.
Input Capacitor
The MIC5365/6 is a high-performance, high bandwidth
device. An input capacitor of 1µF is required from the
input to ground to provide stability. Low-ESR ceramic
capacitors provide optimal performance at a minimum of
space. Additional high-frequency capacitors, such as
small-valued NPO dielectric-type capacitors, help filter
out high-frequency noise and are good practice in any
RF-based
circuit.
X5R
or
X7R
dielectrics
are
recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and are
therefore, not recommended.
Output Capacitor
The MIC5365/6 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized for
use with low-ESR ceramic chip capacitors. High ESR
capacitors are not recommended because they may
cause high frequency oscillation. The output capacitor
can be increased, but performance has been optimized
for a 1µF ceramic output capacitor and does not improve
significantly with larger capacitance.
X7R/X5R
dielectric-type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
No-Load Stability
Unlike many other voltage regulators, the MIC5365/6 will
remain stable and in regulation with no load. This is
especially
important
in
CMOS
RAM
keep-alive
applications.
Enable/Shutdown
The MIC5365/6 comes with an active-high enable pin
that allows the regulator to be disabled. Forcing the
enable pin low disables the regulator and sends it into a
“zero” off-mode-current state. In this state, current
consumed by the regulator goes nearly to zero. Forcing
the enable pin high enables the output voltage. The
active-high enable pin uses CMOS technology and the
enable pin cannot be left floating; a floating enable pin
may cause an indeterminate state on the output.
Thermal Considerations
The MIC5365/6 is designed to provide 150mA of
continuous current in a very small package. Maximum
ambient operating temperature can be calculated based
on the output current and the voltage drop across the
part. For example if the input voltage is 3.6V, the output
voltage is 2.8V, and the output current = 150mA. The
actual power dissipation of the regulator circuit can be
determined using the equation:
PD = (VIN – VOUT1) I OUT + VIN IGND
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1% and
can be ignored for this calculation.
PD = (3.6V – 2.8V) × 150mA
PD = 0.120W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the following basic
equation:
=
JA
A
J(max)
D(max)
T
T
P
θ
TJ(max) = 125°C, the maximum junction temperature of the
die, θJA thermal resistance = 250°C/W for the YMT
package and 256.5°C/W for the SC-70-5 package.
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit. The junction-to-
ambient thermal resistance for the minimum footprint is
250°C/W.
The maximum power dissipation must not be exceeded
for proper operation.


Similar Part No. - MIC5365-2.5YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
More results

Similar Description - MIC5365-2.5YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
   High Performance Low Dropout 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com