Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5338-2.8/1.2YMT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5338-2.8/1.2YMT
Description  Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5338-2.8/1.2YMT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5338-2.8/1.2YMT Datasheet HTML 1Page - Micrel Semiconductor MIC5338-2.8/1.2YMT Datasheet HTML 2Page - Micrel Semiconductor MIC5338-2.8/1.2YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5338-2.8/1.2YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5338-2.8/1.2YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5338-2.8/1.2YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5338-2.8/1.2YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5338-2.8/1.2YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5338-2.8/1.2YMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC5338/9
June 2010
4
M9999-063010-A
Typical Characteristics
Power Supply
Rejection Ratio
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
10
100
1,000
10,000
100,000
1,000,000 10,000,000
Frequency (Hz)
300mA
No-Load
150mA
VIN=VEN=3.8V
VOUT=1.8V
COUT=1μF
10
100
1K
10K
100K
1M
10M
Output Voltage
vs. Input Voltage
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
100μA
300mA
CIN=COUT=1μF
Output Voltage
vs. Input Voltage
1.4
1.6
1.8
2.0
2.2
2.4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
100μA
300mA
CIN=COUT=1μF
Output Voltage
vs. Output Current
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
VIN=3.8V
CIN=COUT=1μF
Ground Current
vs. Input Voltage (Single Output)
0
10
20
30
40
50
60
70
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT=2.8V
CIN=COUT=1μF
VEN2=GND,VEN1=VIN
No Load
300mA
Ground Current
vs. Input Voltage (Dual Outputs)
0
20
40
60
80
100
120
140
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
300mA
No Load
VOUT1=2.8V, VOUT2=1.8V
CIN=COUT=1μF
VEN1=VEN2=VIN
Ground Current
vs. Output Current
0
20
40
60
80
100
120
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
Dual Outputs
Single Output
VIN=3.8V
CIN=COUT=1μF
Ground Current
vs. Temperature (Single Output)
0
10
20
30
40
50
60
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
300mA
No Load
VOUT1=2.8V
VEN1=VIN=3.8V
VEN2=GND
CIN=COUT=1μF
Ground Current
vs. Temperature (Dual Outputs)
0
10
20
30
40
50
60
70
80
90
100
-40 -20
0
2040
6080 100 120
TEMPERATURE (°C)
No Load
300mA
VOUT1=2.8V
VOUT2=1.8V
VEN1=VEN2=VIN=3.8V
CIN=COUT=1μF
Dropout Voltage
vs. Temperature
0
50
100
150
200
250
300
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
50mA
150mA
300mA
CIN=COUT=1μF
Dropout Voltage
vs. Output Current
0
20
40
60
80
100
120
140
160
180
200
220
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
VOUT1=2.8V
CIN=COUT=1μF
Current Limit
vs. Input Voltage
350
400
450
500
550
600
650
700
2.53
3.54
4.555.5
INPUT VOLTAGE (V)
VOUT1=2.8V
VOUT2=1.8V
VIN=3.8V
CIN=COUT=1μF


Similar Part No. - MIC5338-2.8/1.2YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5338-2.8/1.2YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5363 MICREL-MIC5363 Datasheet
530Kb / 12P
   High-PSRR, 300mA, 關Cap LDO in 1.2mm 횞 1.2mm Thin MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5353 MICREL-MIC5353_15 Datasheet
512Kb / 13P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353 MICREL-MIC5353 Datasheet
455Kb / 12P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5374 MICREL-MIC5374 Datasheet
896Kb / 22P
   Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
logo
LUMEX INC.
SML-LXFT1206SYC-TR LUMEX-SML-LXFT1206SYC-TR_17 Datasheet
92Kb / 1P
   3.2mm X 1.6mm Ultra Thin SMT LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com