Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5332 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5332
Description  Micro-Power High Performance Dual 300mA ULDO?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5332 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5332_08 Datasheet HTML 1Page - Micrel Semiconductor MIC5332_08 Datasheet HTML 2Page - Micrel Semiconductor MIC5332_08 Datasheet HTML 3Page - Micrel Semiconductor MIC5332_08 Datasheet HTML 4Page - Micrel Semiconductor MIC5332_08 Datasheet HTML 5Page - Micrel Semiconductor MIC5332_08 Datasheet HTML 6Page - Micrel Semiconductor MIC5332_08 Datasheet HTML 7Page - Micrel Semiconductor MIC5332_08 Datasheet HTML 8Page - Micrel Semiconductor MIC5332_08 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5332
April 2008
2
M9999-042108-B
Ordering Information
Part Number
Marking
Code
Manufacturing
Part Number
Voltage
Junction
Temperature Range
Package
MIC5332-1.8/1.2YMT
WG4
MIC5332-G4YMT
1.8V/1.2V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-2.5/1.2YMT
WJ4
MIC5332-J4YMT
2.5V/1.2V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-2.8/2.8YMT
WMM
MIC5332-MMYMT
2.8V/2.8V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-2.8/2.85YMT
WMN
MIC5332-MNYMT
2.8V/2.85V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-2.85/2.85YMT
WNN
MIC5332-NNYMT
2.85V/2.85V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-3.0/2.8YMT
WPM
MIC5332-PMYMT
3.0V/2.8V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-3.0/2.85YMT
WPN
MIC5332-PNYMT
3.0V/2.85V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-3.0/3.0YMT
WPP
MIC5332-PPYMT
3.0V/3.0V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
Notes
For other voltage options. Contact Micrel Marketing for details.
Pin 1 identifier =
.
MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
1
VIN
GND
POR2
EN2
8
VOUT1
VOUT2
CSET2
EN1
7
6
5
2
3
4
8-Pin 2mm x 2mm Thin MLF
® (MT)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Input.
2
GND
Ground.
3
POR2
Power-On Reset Output (Regulator 2): Open-drain output. Active low indicates
an output under-voltage condition on regulator 2 when the device is enabled.
4
EN2
Enable Input (Regulator 2): Active High Input. Logic High = On; Logic Low =
Off. Do not leave floating.
5
EN1
Enable Input (Regulator 1): Active High Input. Logic High = On; Logic Low =
Off. Do not leave floating.
6
CSET2
Delay Set Input (Regulator 2): Connect external capacitor to GND to set the
internal delay for the POR2 output. When left open, there is no delay. This pin
cannot be grounded.
7
VOUT2
Regulator Output – LDO2.
8
VOUT1
Regulator Output – LDO1.


Similar Part No. - MIC5332_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5332-1.2YMT MICREL-MIC5332-1.2YMT Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332-2.5YMT MICREL-MIC5332-2.5YMT Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332-2.85YMT MICREL-MIC5332-2.85YMT Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332-2.8YMT MICREL-MIC5332-2.8YMT Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332-3.0YMT MICREL-MIC5332-3.0YMT Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
More results

Similar Description - MIC5332_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5333 MICREL-MIC5333 Datasheet
349Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO??with Dual POR
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5318 MICREL-MIC5318 Datasheet
321Kb / 11P
   High Performance 300mA uCap ULDO TM
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com