Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7703EDN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7703EDN
Description  Single P-Channel 20-V (D-S) MOSFET With Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7703EDN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7703EDN_08 Datasheet HTML 1Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 2Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 3Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 4Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 5Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 6Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 7Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 8Page - Vishay Siliconix SI7703EDN_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 71429
S-83043-Rev. C, 22-Dec-08
Vishay Siliconix
Si7703EDN
Notes
a. Surface Mounted on 1" x 1" FR4 board.
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE RATINGS
Parameter
Device
Symbol
Typical
Maximum
Unit
Junction-to-Ambienta
t
≤ 10 s
MOSFET
RthJA
35
44
°C/W
Schottky
51
64
Steady State
MOSFET
75
94
Schottky
91
115
Junction-to-Case (Drain)
Steady State
MOSFET
RthJC
45
Schottky
10
12
MOSFET SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 800 µA
- 0.45
- 1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
± 1.5
µA
VDS = 0 V, VGS = ± 12 V
± 100
mA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 85 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 6.3 A
0.041
0.048
Ω
VGS = - 2.5 V, ID = - 5.3 A
0.057
0.068
VGS = - 1.8 V, ID = - 1 A
0.072
0.090
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 6.3 A
14
S
Diode Forward Voltagea
VSD
IS = - 2.3 A, VGS = 0 V
- 0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 4.5 V, ID = - 6.3 A
12
18
nC
Gate-Source Charge
Qgs
2.5
Gate-Drain Charge
Qgd
2.9
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 10 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, RG = 6 Ω
2.5
4
νs
Rise Time
tr
46
Turn-Off DelayTime
td(off)
15
23
Fall Time
tf
12
18
SCHOTTKY SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Forward Voltage Drop
VF
IF = 0.5 A
0.42
0.48
V
IF = 0.5 A, TJ = 125 °C
0.33
0.4
Maximum Reverse Leakage Current
Irm
Vr = 20 V
0.002
0.100
mA
Vr = 20 V, TJ = 85 °C
0.10
1
Vr = 20 V, TJ = 125 °C
1.5
10
Junction Capacitance
CT
Vr = 10 V
31
pF


Similar Part No. - SI7703EDN_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7703EDN VISHAY-SI7703EDN Datasheet
194Kb / 3P
   Single P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. B, 10-Apr-06
More results

Similar Description - SI7703EDN_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7705DN VISHAY-SI7705DN Datasheet
55Kb / 6P
   Single P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. B, 27-Jan-03
SI7703EDN VISHAY-SI7703EDN Datasheet
194Kb / 3P
   Single P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. B, 10-Apr-06
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 04-Oct-99
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jun-05
SI3805DV VISHAY-SI3805DV Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 22-Sep-08
SI4829DY VISHAY-SI4829DY Datasheet
110Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
SI5855CDC VISHAY-SI5855CDC Datasheet
132Kb / 9P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 22-Sep-08
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SIA811ADJ VISHAY-SIA811ADJ_V01 Datasheet
375Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBBD4290A VBSEMI-VBBD4290A_V01 Datasheet
928Kb / 11P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com